Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T94MH6F Datasheet(PDF) 33 Page - STMicroelectronics

Part # M41T94MH6F
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MH6F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M41T94MH6F Datasheet HTML 29Page - STMicroelectronics M41T94MH6F Datasheet HTML 30Page - STMicroelectronics M41T94MH6F Datasheet HTML 31Page - STMicroelectronics M41T94MH6F Datasheet HTML 32Page - STMicroelectronics M41T94MH6F Datasheet HTML 33Page - STMicroelectronics M41T94MH6F Datasheet HTML 34Page - STMicroelectronics M41T94MH6F Datasheet HTML 35Page - STMicroelectronics M41T94MH6F Datasheet HTML 36Page - STMicroelectronics M41T94MH6F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
DocID7564 Rev 8
33/39
M41T94
Package mechanical data
39
Figure 19. SOH28 – 28-lead plastic small outline, battery SNAPHAT®, package outline
Note:
Drawing is not to scale.
1011859_I
Table 17. SOH28 – 28-lead plastic small outline, battery SNAPHAT®, package
mechanical data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
3.048
0.120
A1
0.051
0.355
0.002
0.014
A2
2.337
2.692
0.092
0.106
B
0.355
0.508
0.014
0.020
B1
0.355
0.610
0.014
0.024
C
0.152
0.317
0.006
0.013
D
17.710
18.490
0.697
0.728
E
8.230
8.890
0.324
0.350
H
11.510
12.700
0.453
0.500
e
1.270
0.050
L
0.406
1.270
0.016
0.050
X
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com