Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T94MH6F Datasheet(PDF) 32 Page - STMicroelectronics

Part # M41T94MH6F
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MH6F Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M41T94MH6F Datasheet HTML 28Page - STMicroelectronics M41T94MH6F Datasheet HTML 29Page - STMicroelectronics M41T94MH6F Datasheet HTML 30Page - STMicroelectronics M41T94MH6F Datasheet HTML 31Page - STMicroelectronics M41T94MH6F Datasheet HTML 32Page - STMicroelectronics M41T94MH6F Datasheet HTML 33Page - STMicroelectronics M41T94MH6F Datasheet HTML 34Page - STMicroelectronics M41T94MH6F Datasheet HTML 35Page - STMicroelectronics M41T94MH6F Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Package mechanical data
M41T94
32/39
DocID7564 Rev 8
Figure 18. SO16 – 16-lead plastic small outline package outline
Note:
Drawing is not to scale.
0016020_G
Table 16. SO16 – 16-lead plastic small outline package mechanical data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
0.050
b
0.31
0.51
0.012
0.020
c
0.17
0.25
0.007
0.010
D
9.80
9.90
10.00
0.386
0.390
0.394
E
5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
e
1.27
0.050
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
0°
8°
0°
8°
ccc
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com