Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T94MH6F Datasheet(PDF) 35 Page - STMicroelectronics

Part # M41T94MH6F
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MH6F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M41T94MH6F Datasheet HTML 31Page - STMicroelectronics M41T94MH6F Datasheet HTML 32Page - STMicroelectronics M41T94MH6F Datasheet HTML 33Page - STMicroelectronics M41T94MH6F Datasheet HTML 34Page - STMicroelectronics M41T94MH6F Datasheet HTML 35Page - STMicroelectronics M41T94MH6F Datasheet HTML 36Page - STMicroelectronics M41T94MH6F Datasheet HTML 37Page - STMicroelectronics M41T94MH6F Datasheet HTML 38Page - STMicroelectronics M41T94MH6F Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
DocID7564 Rev 8
35/39
M41T94
Package mechanical data
39
Figure 21. SH – 4-pin SNAPHAT® housing for 120 mAh battery & crystal, package
outline
Note:
Drawing is not to scale.
7027195_H
Table 19. SH – 4-pin SNAPHAT® housing for 120 mAh battery & crystal, package mech.
data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
10.541
0.415
A1
8.001
8.509
0.315
0.335
A2
7.239
7.747
0.285
0.305
A3
0.000
0.381
0.000
0.015
B
0.457
0.559
0.018
0.022
D
21.082
21.844
0.830
0.860
E
17.272
18.034
0.680
0.710
eA
15.545
15.951
0.612
0.628
eB
3.200
3.607
0.126
0.142
L
2.032
2.286
0.080
0.090
T
6°
8°
6°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com