Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC259 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M74HC259
Description  8-bit addressable latch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC259 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M74HC259 Datasheet HTML 6Page - STMicroelectronics M74HC259 Datasheet HTML 7Page - STMicroelectronics M74HC259 Datasheet HTML 8Page - STMicroelectronics M74HC259 Datasheet HTML 9Page - STMicroelectronics M74HC259 Datasheet HTML 10Page - STMicroelectronics M74HC259 Datasheet HTML 11Page - STMicroelectronics M74HC259 Datasheet HTML 12Page - STMicroelectronics M74HC259 Datasheet HTML 13Page - STMicroelectronics M74HC259 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
M74HC259
Table 7: AC electrical characteristics (CL = 50 pF, input tr = tf = 6 ns)
Symbol
Parameter
Test
condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
VCC (V)
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL
Output
transition time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL
Propagation
delay time
(DATA – Q)
2.0
56
140
175
210
ns
4.5
18
28
35
42
6.0
15
24
30
36
tPLH tPHL
Propagation
delay time
(A, B, C – Q)
2.0
76
190
240
285
ns
4.5
24
38
48
57
6.0
20
32
41
48
tPLH tPHL
Propagation
delay time
(G – Q)
2.0
57
150
190
225
ns
4.5
19
30
38
45
6.0
16
26
32
38
tPLH tPHL
Propagation
delay time
( CLEAR
– Q)
2.0
45
115
145
175
ns
4.5
15
23
29
35
6.0
13
20
25
30
tW(L)
Minimum pulse
width
( ENABLE )
2.0
28
75
90
115
ns
4.5
7
15
19
23
6.0
6
13
16
20
tW(L)
Minimum pulse
width
( CLEAR )
2.0
24
75
90
115
ns
4.5
6
15
19
23
6.0
5
13
16
20
tS
Minimum setup
time (DATA)
2.0
12
50
60
75
ns
4.5
3
10
12
15
6.0
3
9
11
13
tS
Minimum setup
time (A, B, C)
2.0
25
30
40
ns
4.5
5
6
8
6.0
5
5
7
th
Minimum hold
time (DATA)
2.0
5
5
5
ns
4.5
5
5
5
6.0
5
5
5
th
Minimum hold
time (A, B, C)
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
10/19
DocID001933 Rev 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com