Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC259 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC259
Description  8-bit addressable latch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC259 Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC259 Datasheet HTML 1Page - STMicroelectronics M74HC259 Datasheet HTML 2Page - STMicroelectronics M74HC259 Datasheet HTML 3Page - STMicroelectronics M74HC259 Datasheet HTML 4Page - STMicroelectronics M74HC259 Datasheet HTML 5Page - STMicroelectronics M74HC259 Datasheet HTML 6Page - STMicroelectronics M74HC259 Datasheet HTML 7Page - STMicroelectronics M74HC259 Datasheet HTML 8Page - STMicroelectronics M74HC259 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
List of figures
M74HC259
List of figures
Figure 1: Pin connections and IEC logic symbols ......................................................................................5
Figure 2: Input and output equivalent circuit...............................................................................................6
Figure 3: Logic diagram ..............................................................................................................................7
Figure 4: Test circuit .................................................................................................................................11
Figure 5: Waveform 1: propagation delay time (f = 1 MHz; 50% duty cycle) ...........................................12
Figure 6: Waveform 2: propagation delay time (f = 1 MHz; 50% duty cycle) ..........................................12
Figure 7: Waveform 3: minimum pulse width (G), setup and hold time (D to G) (f = 1 MHz; 50% duty
cycle).........................................................................................................................................................13
Figure 8: Waveform 4: minimum pulse width (CLR) (f = 1 MHz; 50% duty cycle) ...................................13
Figure 9: Waveform 5: setup and hold time (f = 1 MHz; 50 duty cycle)....................................................14
Figure 10: Waveform 6: input waveforms (f = 1 MHz; 50% duty cycle)....................................................14
Figure 11: Plastic SO16 package mechanical outline ..............................................................................15
Figure 12: TSSOP16 package mechanical outline ...................................................................................17
4/19
DocID001933 Rev 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com