Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC259 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M74HC259
Description  8-bit addressable latch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC259 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M74HC259 Datasheet HTML 11Page - STMicroelectronics M74HC259 Datasheet HTML 12Page - STMicroelectronics M74HC259 Datasheet HTML 13Page - STMicroelectronics M74HC259 Datasheet HTML 14Page - STMicroelectronics M74HC259 Datasheet HTML 15Page - STMicroelectronics M74HC259 Datasheet HTML 16Page - STMicroelectronics M74HC259 Datasheet HTML 17Page - STMicroelectronics M74HC259 Datasheet HTML 18Page - STMicroelectronics M74HC259 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
M74HC259
Package information
4.3
TSSOP16 package information
Figure 12: TSSOP16 package mechanical outline
Table 10: TSSOP16 package mechanical data
Dimensions
mm.
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.9
5
5.1
0.193
0.197
0.201
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K
0°
8°
0°
8°
L
0.45
0.60
0.75
0.018
0.024
0.030
DocID001933 Rev 2
17/19
c
E
b
A2
A
E1
D
1
A1
L
K
e
0080338D
PIN 1 IDENTIFICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com