Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC259 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC259
Description  8-bit addressable latch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC259 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC259 Datasheet HTML 1Page - STMicroelectronics M74HC259 Datasheet HTML 2Page - STMicroelectronics M74HC259 Datasheet HTML 3Page - STMicroelectronics M74HC259 Datasheet HTML 4Page - STMicroelectronics M74HC259 Datasheet HTML 5Page - STMicroelectronics M74HC259 Datasheet HTML 6Page - STMicroelectronics M74HC259 Datasheet HTML 7Page - STMicroelectronics M74HC259 Datasheet HTML 8Page - STMicroelectronics M74HC259 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
M74HC259
8-bit addressable latch
Datasheet - production data
Features
•
High speed: tPD = 20 ns (typ.) at VCC = 6 V
•
Low power dissipation:
ICC = 4 µA (max.) at TA = 25 °C
•
High noise immunity:
VNIH = VNIL = 28 % VCC (min.)
•
Symmetrical output impedance:
|IOH| = IOL = 4 mA (min)
•
Balanced propagation delays: tPLH ~= tPHL
•
Wide operating voltage range:
VCC (OPR) = 2 V to 6 V
•
Pin and function compatible with
74 series 259
•
ESD performance
−
CDM: 1 kV
−
HBM: 1.5 kV
−
MM: 200 V
Description
The M74HC259 is a high-speed CMOS 8-bit
addressable latch manufactured with silicon gate
C
2MOS technology.
The M74HC259 has single data input (D) 8 latch
outputs (Q0-Q7), 3 address inputs (A, B, and C),
common enable input (E), and a common
CLEAR
input. To operate this device as an
addressable latch, data is held on the D input,
and the address of the latch into which the data is
to be entered is held on the A, B, and C inputs.
When ENABLE
is taken low, the data flows
through to the address outputs. The data is
stored on the positive-going edge of the
ENABLE
pulse. All unaddressed latches will
remain unaffected. With ENABLE
in the high
state, the device is deselected and all latches
remain in their previous state, unaffected by
changes on the data or address inputs. To
eliminate the possibility of entering erroneous
data into the latches, the ENABLE
should be
held high (inactive) while the address lines are
changing. If ENABLE
is held high and
CLEAR
is taken low, all eight latches are
cleared to the low state. If ENABLE
is low, all
latches except the addressed latch will be
cleared. The addressed latch will instead follow
the D input, effectively implementing a 3-to-8 line
decoder.
All inputs are equipped with protection circuits to
guard against static discharge and transient
excess voltage.
Table 1: Device summary
Order code
Temperature
range
Package
Packaging
Marking
M74HC259YRM13TR
(1)
-40 °C to
+125 °C
SO16
(automotive
grade)
1
Tape and
reel
74HC259Y
M74HC259RM13TR
-55 °C to
+125 °C
SO16
Tape and
reel
74HC259
M74HC259TTR
-55 °C to
+125 °C
TSSOP16
Tape and
reel
HC259
M74HC259YTTR
1
-40 °C to
+125 °C
TSSOP16
(automotive
grade)
1
Tape and
reel
HC259Y
Notes:
(1)Qualification and characterization according to AEC Q100 and Q003 or equivalent,
advanced screening according to AEC Q001 and Q002 or equivalent.
TSSOP16
SO16
November 2013
DocID001933 Rev 2
1/19
This is information on a product in full production.
www.st.com


Similar Part No. - M74HC259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC259 STMICROELECTRONICS-M74HC259 Datasheet
264Kb / 12P
8 BIT ADDRESSABLE LATCH
Oct-1992
M74HC259 STMICROELECTRONICS-M74HC259 Datasheet
557Kb / 13P
8 BIT ADDRESSABLE LATCH
Jul-2001
M74HC259B1R STMICROELECTRONICS-M74HC259B1R Datasheet
264Kb / 12P
8 BIT ADDRESSABLE LATCH
Oct-1992
M74HC259B1R STMICROELECTRONICS-M74HC259B1R Datasheet
557Kb / 13P
8 BIT ADDRESSABLE LATCH
Jul-2001
M74HC259C1R STMICROELECTRONICS-M74HC259C1R Datasheet
264Kb / 12P
8 BIT ADDRESSABLE LATCH
Oct-1992
More results

Similar Description - M74HC259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
8-bit Addressable Latch
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
8-bit addressable latch
Rev. 5-7 August 2012
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com