Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1S3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDA6V1S3
Description  TRANSIL ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1S3 Datasheet(HTML) 7 Page - STMicroelectronics

  ESDA6V1S3 Datasheet HTML 1Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 2Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 3Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 4Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 5Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 6Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PACKAGE MECHANICAL DATA
SSOP20 (Plastic)
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco -
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
L
E
k
b
e
A
11
10
1
20
D
E1
A
2
A1
c
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.00
0.079
A1
0.25
0.010
A2
1.51
2.00
0.059
0.079
b
0.25
0.30
0.35
0.010 0.012 0.014
c
0.10
0.35
0.004
0.014
D
7.05
8.05
0.278
0.317
E
7.60
8.70
0.299
0.343
E1
5.02
6.10
6.22
0.198 0.240 0.245
e
0.65
0.026
k0
°
10
°
0
°
10
°
L
0.25
0.50
0.80
0.010 0.020 0.031
Weight : 0.18g.
ESDA6V1S3 / ESDA6V2S6
7/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com