Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1S3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA6V1S3
Description  TRANSIL ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1S3 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA6V1S3 Datasheet HTML 1Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 2Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 3Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 4Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 5Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 6Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
C
Capacitance
Rd
Dynamic resistance
VF
Forward voltage drop
ELECTRICAL CHARACTERISTICS (Tamb =25
°C)
Symbol
Parameter
Value
Unit
VPP
Electrostatic discharge
MIL STD 883C - Method 3015-6
25
kV
PPP
Peak pulse power (8/20
µs)
200
W
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 55 to + 150
150
°C
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb =25
°C)
Types
VBR
@IR
IRM
@VRM
Rd
αTC
VF @IF
min.
max.
max.
typ.
max.
typ.
max.
note1
note1
note 2
note 3
0V bias
VV
mA
µAV
Ω
10
-4/
°CpF
V
mA
ESDA6V1S3
6.1
7.2
1
2
5.25
0.5
6
120
1.25
200
ESDA6V2S6
6.2
7.2
1
2
5.25
0.5
6
100
1.25
200
Note 1 : Between any I/O pin and Ground
Note 2 : Square pulse, IPP = 25A for ESDA6V1S3 and IPP = 15A for ESDA6V2S6 , tp = 2.5µs
Note 3 :
∆VBR = αT* [Tamb-25] * VBR(25°C)
ESDA6V1S3 / ESDA6V2S6
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com