Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1S3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA6V1S3
Description  TRANSIL ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1S3 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA6V1S3 Datasheet HTML 1Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 2Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 3Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 4Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 5Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 6Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ESDA6V1S3
ESDA6V2S6
®
October 1998 Ed: 2A
TRANSIL
™ ARRAY
FOR ESD PROTECTION
SO20
ESDA6V1S3
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
- COMPUTERS
- PRINTERS
- COMMUNICATION SYSTEMS
- GSM HANDSETS AND ACCESSORIES
- OTHER TELEPHONE SETS
APPLICATIONS
Application Specific Discretes
A.S.D.
™
FUNCTIONAL DIAGRAM
SSOP20
ESDA6V2S6
BENEFITS
High ESD protection level : up to 25 kV
High integration
Suitable for high density boards
IEC 1000-4-2 : level 4
MIL STD 883C-Method 3015-6 : class3
(human body model)
COMPLIESWITH THE FOLLOWING STANDARDS :
18 UNIDIRECTIONAL TRANSIL
™ FUNCTIONS
LOW LEAKAGE CURRENT: IR max. < 2
µA
200 W PEAK PULSE POWER (8/20
µs)
FEATURES
DESCRITION
The
ESDA6xxSx
is
a
monolithic
voltage
suppressor designed to protect componentswhich
are connected to data and transmission lines
against ESD.
It clamps the voltage just above the logic level
supply for positive transients, and to a diode drop
below ground for negative transients.
1/7


Similar Part No. - ESDA6V1S3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1SC5 STMICROELECTRONICS-ESDA6V1SC5 Datasheet
69Kb / 7P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA6V1SC5 STMICROELECTRONICS-ESDA6V1SC5 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
ESDA6V1SC6 STMICROELECTRONICS-ESDA6V1SC6 Datasheet
69Kb / 7P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA6V1SC6 STMICROELECTRONICS-ESDA6V1SC6 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
ESDA6V1SC6Y STMICROELECTRONICS-ESDA6V1SC6Y Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
More results

Similar Description - ESDA6V1S3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25B1 STMICROELECTRONICS-ESDA25B1 Datasheet
41Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
Nov-2002
ESDA6V1-5W6 STMICROELECTRONICS-ESDA6V1-5W6 Datasheet
76Kb / 9P
TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6 Datasheet
40Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
Feb-2002
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
DSDA6V1-5P6 STMICROELECTRONICS-DSDA6V1-5P6 Datasheet
50Kb / 5P
TRANSIL™ ARRAY FOR ESD PROTECTION
Oct-2002
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
Transil??array for ESD protection
26-Jun-2006
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6_04 Datasheet
55Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA25-4BP6 STMICROELECTRONICS-ESDA25-4BP6 Datasheet
116Kb / 8P
Transil array for ESD protection
22-May-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com