Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1S3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDA6V1S3
Description  TRANSIL ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1S3 Datasheet(HTML) 6 Page - STMicroelectronics

  ESDA6V1S3 Datasheet HTML 1Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 2Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 3Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 4Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 5Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 6Page - STMicroelectronics ESDA6V1S3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TYPE
MARKING
ESDA6V1S3
E6V1S3
ESDA6V2S6
ESDA6V2S6
Packaging : Preferred packaging is tape and reel.
MARKING : Logo, date code
PACKAGE MECHANICAL DATA
SO20 (Plastic)
K
hx45
°
C
L
A
A1
B
e
D
EH
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.35
2.65 0.092
0.104
A1
0.10
0.20 0.004
0.008
B
0.33
0.51 0.013
0.020
C
0.23
0.32 0.009
0.013
D
12.6
13.0 0.484
0.512
E
7.40
7.60 0.291
0.299
e
1.27
0.050
H
10.0
10.65 0.394
0.419
h
0.25
0.75 0.010
0.029
L
0.50
1.27 0.020
0.050
K8
° (max)
ORDER CODE
ESDA
6V1 S 3 RL
ESD ARRAY
VBR min
PACKAGE :
3 : SO20
6 : SSOP20
Weight : 0.55g.
PACKAGING:
RL = Tape and reel
= Tube
ESDA6V1S3 / ESDA6V2S6
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com