Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38788 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP38788
Description  LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38788 Datasheet(HTML) 5 Page - Texas Instruments

  LP38788 Datasheet HTML 1Page - Texas Instruments LP38788 Datasheet HTML 2Page - Texas Instruments LP38788 Datasheet HTML 3Page - Texas Instruments LP38788 Datasheet HTML 4Page - Texas Instruments LP38788 Datasheet HTML 5Page - Texas Instruments LP38788 Datasheet HTML 6Page - Texas Instruments LP38788 Datasheet HTML 7Page - Texas Instruments LP38788 Datasheet HTML 8Page - Texas Instruments LP38788 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LP38788, LP38788-ADJ
www.ti.com
SNVS802B – APRIL 2012 – REVISED OCTOBER 2012
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the operating junction temperature (TJ)
range of -40°C to +125°C. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 5.5V, VSET = 5.00V, CCP= 10 nF, CIN = 10 μF 50mΩ Tantalum, COUT =
10
μF X7R MLCC, IOUT = 10 mA, and TJ = 25°C.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
Enable Pin Clamp
VEN(CLAMP)
EN Pin = Open
3.6
4.9
6.2
V
Voltage
Thermal Shutdown
TSD
Thermal Shutdown
Junction Temperature (TJ) Rising
-
145
-
°C
Thermal Shutdown
ΔTSD
Junction Temperature (TJ) Falling from TSD
-
12
-
Hysteresis
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38788 LP38788-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com