Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38788 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP38788
Description  LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38788 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP38788 Datasheet HTML 2Page - Texas Instruments LP38788 Datasheet HTML 3Page - Texas Instruments LP38788 Datasheet HTML 4Page - Texas Instruments LP38788 Datasheet HTML 5Page - Texas Instruments LP38788 Datasheet HTML 6Page - Texas Instruments LP38788 Datasheet HTML 7Page - Texas Instruments LP38788 Datasheet HTML 8Page - Texas Instruments LP38788 Datasheet HTML 9Page - Texas Instruments LP38788 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
IOUT= 50 mA
VOUT= 4.7V
COUT= 10 F Ceramic
Vin=5.0V
Vin=5.1V
Vin=5.2V
Vin=5.3V
Vin=5.5V
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
IOUT= 100 mA
VOUT= 4.7V
COUT= 10 F Ceramic
Vin=5.0V
Vin=5.1V
Vin=5.2V
Vin=5.3V
Vin=5.5V
-50
-25
0
25
50
75
100 125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TEMPERATURE, TJ(°C)
Iout = 0mA
Iout = 10 mA
Iout = 800mA
10
100
1k
10k
100k
1M
10M
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
VOUT= 4.70V
COUT= 10 F Ceramic
IOUT= 20 mA
Vin=5.0V
Vin=5.1V
Vin=5.2V
Vin=5.4V
Vin=5.5V
-50
-25
0
25
50
75
100 125
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
TEMPERATURE, TJ(°C)
VINRising
VINFalling
UVLO(ON)
UVLO(OFF)
-50
-25
0
25
50
75
100 125
0
50
100
150
200
250
300
350
TEMPERATURE, TJ(°C)
Iout = 800mA
-50
-25
0
25
50
75
100 125
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
TEMPERATURE, TJ(°C)
IEN(IH)
IEN(IL)
-50
-25
0
25
50
75
100 125
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
TEMPERATURE, TJ(°C)
VENRising
VENFalling
VEN(ON)
VEN(OFF)
LP38788, LP38788-ADJ
SNVS802B – APRIL 2012 – REVISED OCTOBER 2012
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: VIN = 5.5V, VOUT = 5.00V, IOUT = 10 mA, COUT = 10 µF MLCC 16V X7R, TJ = 25°C.
Enable Pin Current
Enable Thresholds
UVLO Thresholds
Dropout Voltage, VDO
Ground Pin Current
PSRR, IOUT = 20 mA
PSRR, IOUT = 50 mA
PSRR, IOUT = 100 mA
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP38788 LP38788-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com