Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38788 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP38788
Description  LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38788 Datasheet(HTML) 1 Page - Texas Instruments

  LP38788 Datasheet HTML 1Page - Texas Instruments LP38788 Datasheet HTML 2Page - Texas Instruments LP38788 Datasheet HTML 3Page - Texas Instruments LP38788 Datasheet HTML 4Page - Texas Instruments LP38788 Datasheet HTML 5Page - Texas Instruments LP38788 Datasheet HTML 6Page - Texas Instruments LP38788 Datasheet HTML 7Page - Texas Instruments LP38788 Datasheet HTML 8Page - Texas Instruments LP38788 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
OUT(FB)
2
3
4
5
6
7
8
1
SET
FB
GND(CP)
CP
EN
IN(CP)
VIN
VOUT
GND
GND
CIN
CCP
COUT
R1
R2
LP38788-ADJ
GND
IN
IN
OUT
OUT
9
10
11
12
VEN
DAP
ON
OFF
+
LP38788, LP38788-ADJ
www.ti.com
SNVS802B – APRIL 2012 – REVISED OCTOBER 2012
LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for
RF/Analog Circuits
Check for Samples: LP38788, LP38788-ADJ
1
FEATURES
Capacitors
•
Excellent Line and Load Transient Response
2
•
Ultra-Low Output Noise: 4 µVRMS (10Hz to 100
kHz)
•
Over-Current and Over-Temperature
Protection
•
High PSRR: 70db at 1 kHz; 60dB at 10 kHz
•
Wide Operating Input Voltage Range: 4.5V to
APPLICATIONS
15V
•
RF and VCO Power
•
±1.0% Output Voltage Initial Accuracy (TJ =
25°C)
•
Wireless LAN Devices
•
Very Low Dropout : 250 mV (typical) at 800mA
•
Wireless Cable Modems
•
Stable with Ceramic or Tantalum Output
•
Low Noise Post Regulation
DESCRIPTION
The LP38788-ADJ is a high performance linear regulator capable of supplying 800 mA output current. Designed
to meet the requirements of sensitive RF/Analog circuitry, the LP38788 implements a novel linear topology on an
advanced CMOS process to deliver ultra-low output noise and high PSRR at switching power supply
frequencies. The LP38788-ADJ is stable with both ceramic and tantalum output capacitors and requires a
minimum output capacitor of only 1 µF for stability.
The LP38788-ADJ can operate over a wide input voltage range (4.5V to 15V) making it well suited for many post
regulation applications.
Available in a 12-Lead LLP package (4.0 x 4.0 x 0.8 mm).
Typical Application Circuit
*.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2012, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - LP38788

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
LP3878-ADJ NSC-LP3878-ADJ Datasheet
791Kb / 13P
Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
logo
Texas Instruments
LP3878-ADJ TI-LP3878-ADJ Datasheet
1Mb / 25P
Micropower 800-mA Low-Noise
LP3878-ADJ TI-LP3878-ADJ_15 Datasheet
1Mb / 25P
Micropower 800-mA Low-Noise
logo
National Semiconductor ...
LP3878MR-ADJ NSC-LP3878MR-ADJ Datasheet
791Kb / 13P
Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
More results

Similar Description - LP38788

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8900 NSC-LP8900 Datasheet
351Kb / 14P
Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
logo
Texas Instruments
LP5907_1212 TI1-LP5907_1212 Datasheet
1Mb / 21P
ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
LP38798 TI-LP38798 Datasheet
2Mb / 23P
LP38798-ADJ High PSRR, Ultra Low Noise, 800 mA Linear Voltage Regulator for RF/Analog Circuits
LP8900TLX-AAEC TI1-LP8900TLX-AAEC Datasheet
1Mb / 17P
LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
LP38798 TI-LP38798_15 Datasheet
2Mb / 27P
LP38798 High PSRR, Ultra-Low-Noise, 800-mA Linear Voltage Regulator for RF/Analog Circuits
logo
ON Semiconductor
NCP148 ONSEMI-NCP148 Datasheet
578Kb / 12P
Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
June, 2017 ??Rev. 0
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ON Semiconductor
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
NCV8165 ONSEMI-NCV8165 Datasheet
328Kb / 10P
LDO Regulator for RF and Analog Circuits - Ultra-Low Noise and High PSRR 500 mA
September, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com