Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38788 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP38788
Description  LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38788 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP38788 Datasheet HTML 5Page - Texas Instruments LP38788 Datasheet HTML 6Page - Texas Instruments LP38788 Datasheet HTML 7Page - Texas Instruments LP38788 Datasheet HTML 8Page - Texas Instruments LP38788 Datasheet HTML 9Page - Texas Instruments LP38788 Datasheet HTML 10Page - Texas Instruments LP38788 Datasheet HTML 11Page - Texas Instruments LP38788 Datasheet HTML 12Page - Texas Instruments LP38788 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LP38788, LP38788-ADJ
www.ti.com
SNVS802B – APRIL 2012 – REVISED OCTOBER 2012
The output capacitor must be located not more than 0.5" from the output pin and returned to a clean analog
ground to the LP38788 GND pin.
CHARGE PUMP
The charge pump is running when both the input voltage is above the UVLO threshold (2.65V typical) and the EN
pin voltage is above the VEN(ON) threshold (1.25V typical). The typical charge pump operating frequency is 3.5
MHz.
A low leakage 10 nF (0.01
μF) to 100 nF (0.1 μF) storage capacitor is required between the CP pin and ground
to store the energy required for gate drive of the internal NMOS pass device.
Do not make any other connection to the CP pin. Loading this pin in any manner will degrade regulator
performance. No external biasing may be applied to, or derived from, this pin, as permanent damage to the
internal charge pump circuitry may occur.
SETTING THE OUTPUT VOLTAGE
Current sourced from the SET pin, through R1 and R2, must be kept to less than 100 µA. The minimum allowed
value for R2 is 12.9 k
Ω
ISET = VFB / R2
(1)
R2MIN = VFB(MAX) / 100 μA
(2)
R2MIN = 12.9 kΩ
(3)
The values for R1 and R2 may be adjusted as needed to achieve the desired output voltage as long as the value
for R2 is no less than 12.9 k
Ω. The maximum recommended value for R2 is 100 kΩ.
The following equation is used to determine the output voltage:
VOUT = ( VFB x ( 1 + ( R1 / R2 ) ) ) + VOS
(4)
Alternately, the following formula can be used to determine the appropriate R1 value for a given R2 value:
R1 = R2 x ( ( (VOUT - VOS) / VFB) - 1)
(5)
The following table suggests some ±1% values for R1 and R2 for a range of output voltages using the typical VFB
value of 1.200V. This is not a definitive list, as other combinations exist that will provide similar, possibly better,
performance.
Target VOUT
R1
R2
Typical VOUT
4.70V
47.5 k
Ω
16.2 k
Ω
4.719V
5.00V
47.5 k
Ω
15.0 k
Ω
5.000V
ENABLE INPUT OPERATION
The Enable pin (EN) is pulled high internally by a 2
μA (typical) current source from the IN pin, and clamped at
4.9V (typical) by a zener. Pulling the EN pin low will turn the output off.
LLP THERMAL CONSIDERATIONS
The value of
θJ−A for the LLP package is specifically dependent on PCB copper area, copper thickness, the
number of layers, and thermal vias under the exposed thermal pad (DAP). Please refer to AN-1520 (Literature
Number: SNVA183A) for general guidelines for mounting packages with exposed thermal pads.
Exceeding the maximum allowable power dissipation defined by the final
θJ−A will cause excessive die
temperature, and the regulator may go into thermal shutdown.
Note that Thermal Shutdown is provided as a safety feature and is outside the guaranteed Operating Ratings
temperature range. Operation with a junction temperature (TJ) above 125°C is not recommended as device
behavior is not guaranteed.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP38788 LP38788-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com