Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR2000IRLL Datasheet(PDF) 13 Page - Texas Instruments

Part # MSP430FR2000IRLL
Description  MSP430FR21xx, MSP430FR2000 Mixed-Signal Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430FR2000IRLL Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430FR2000IRLL Datasheet HTML 9Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 10Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 11Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 12Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 13Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 14Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 15Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 16Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
7.4 Pin Multiplexing
Pin multiplexing for these devices is controlled by both register settings and operating modes (for example, if
the device is in test mode). For details of the settings for each pin and schematics of the multiplexed ports, see
Section 9.11.15.
7.5 Connection of Unused Pins
Table 7-3 lists the correct termination of unused pins.
Table 7-3. Connection of Unused Pins
PIN(1)
POTENTIAL
COMMENT
Px.0 to Px.7
Open
Set to port function, output direction (PxDIR.n = 1)
RST/NMI
DVCC
47-kΩ pullup or internal pullup selected with 10-nF (1.1 nF) pulldown(2)
TEST
Open
This pin always has an internal pulldown enabled.
(1)
Any unused pin with a secondary function that is shared with general-purpose I/O should follow the Px.0 to Px.7 unused pin connection
guidelines.
(2)
The pulldown capacitor should not exceed 1.1 nF when using devices with Spy-Bi-Wire interface in Spy-Bi-Wire mode with TI tools like
FET interfaces or GANG programmers.
7.6 Buffer Type
Table 7-4 defines the pin buffer types that are listed in Table 7-1.
Table 7-4. Buffer Type
BUFFER TYPE
(STANDARD)
NOMINAL
VOLTAGE
HYSTERESIS
PU OR PD
NOMINAL
PU OR PD
STRENGTH
(µA)
OUTPUT DRIVE
STRENGTH
(mA)
OTHER
CHARACTERISTICS
LVCMOS
3.0 V
Y(1)
Programmable
See Section
8.12.4
See Section
8.12.4.3
Analog
3.0 V
No
No
N/A
N/A
See the analog modules in
Section 8 for details.
Power (DVCC)
3.0 V
No
No
N/A
N/A
SVS enables hysteresis on
DVCC.
Power (AVCC)
3.0 V
No
No
N/A
N/A
(1)
Only for input pins
www.ti.com
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
SLASE78E – AUGUST 2016 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com