Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR2000IRLL Datasheet(PDF) 52 Page - Texas Instruments

Part # MSP430FR2000IRLL
Description  MSP430FR21xx, MSP430FR2000 Mixed-Signal Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430FR2000IRLL Datasheet(HTML) 52 Page - Texas Instruments

Back Button MSP430FR2000IRLL Datasheet HTML 48Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 49Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 50Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 51Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 52Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 53Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 54Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 55Page - Texas Instruments MSP430FR2000IRLL Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
Table 9-21. SYS Registers (Base Address: 0140h)
REGISTER DESCRIPTION
REGISTER
OFFSET
System control
SYSCTL
00h
Bootloader configuration area
SYSBSLC
02h
JTAG mailbox control
SYSJMBC
06h
JTAG mailbox input 0
SYSJMBI0
08h
JTAG mailbox input 1
SYSJMBI1
0Ah
JTAG mailbox output 0
SYSJMBO0
0Ch
JTAG mailbox output 1
SYSJMBO1
0Eh
User NMI vector generator
SYSUNIV
1Ah
System NMI vector generator
SYSSNIV
1Ch
Reset vector generator
SYSRSTIV
1Eh
System configuration 0
SYSCFG0
20h
System configuration 1
SYSCFG1
22h
System configuration 2
SYSCFG2
24h
System configuration 3
SYSCFG3
26h
Table 9-22. CS Registers (Base Address: 0180h)
REGISTER DESCRIPTION
REGISTER
OFFSET
CS control 0
CSCTL0
00h
CS control 1
CSCTL1
02h
CS control 2
CSCTL2
04h
CS control 3
CSCTL3
06h
CS control 4
CSCTL4
08h
CS control 5
CSCTL5
0Ah
CS control 6
CSCTL6
0Ch
CS control 7
CSCTL7
0Eh
CS control 8
CSCTL8
10h
Table 9-23. FRAM Registers (Base Address: 01A0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
FRAM control 0
FRCTL0
00h
General control 0
GCCTL0
04h
General control 1
GCCTL1
06h
Table 9-24. CRC Registers (Base Address: 01C0h)
REGISTER DESCRIPTION
REGISTER
OFFSET
CRC data input
CRC16DI
00h
CRC data input reverse byte
CRCDIRB
02h
CRC initialization and result
CRCINIRES
04h
CRC result reverse byte
CRCRESR
06h
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
SLASE78E – AUGUST 2016 – REVISED JUNE 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com