Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F031C6T7 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STM32F031C6T7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031C6T7 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STM32F031C6T7 Datasheet HTML 42Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 43Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 44Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 45Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 46Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 47Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 48Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 49Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 106 page
background image
Electrical characteristics
STM32F031x4 STM32F031x6
46/106
DocID025743 Rev 6
Table 25. Typical and maximum current consumption in Stop and Standby modes
Sym-
bol
Para-
meter
Conditions
Typ @VDD (VDD = VDDA)Max(1)
Unit
2.0 V 2.4 V 2.7 V
3.0 V 3.3 V 3.6 V
TA =
25 °C
TA =
85 °C
TA =
105 °C
IDD
Supply
current
in Stop
mode
Regulator in run
mode, all oscillators
OFF
15
15.1
15.3
15.5
15.7
16
18(2)
38
55(2)
µA
Regulator in low-
power mode, all
oscillators OFF
3.2
3.3
3.4
3.5
3.7
4
5.5(2)
22
41(2)
Supply
current
in
Standby
mode
LSI ON and IWDG
ON
0.8
1.0
1.1
1.2
1.4
1.5
-
-
-
LSI OFF and IWDG
OFF
0.7
0.8
0.9
1.0
1.1
1.3
2(2)
2.5
3(2)
IDDA
Supply
current
in Stop
mode
Regulator in run
mode, all
oscillators OFF
1.9
2
2.2
2.3
2.5
2.6
3.5(2)
3.5
4.5(2)
Regulator in low-
power mode, all
oscillators OFF
1.9
2
2.2
2.3
2.5
2.6
3.5(2)
3.5
4.5(2)
Supply
current
in
Standby
mode
LSI ON and
IWDG ON
2.3
2.5
2.7
2.9
3.1
3.3
-
-
-
LSI OFF and
IWDG OFF
1.8
1.9
2
2.2
2.3
2.5
3.5(2)
3.5
4.5(2)
Supply
current
in Stop
mode
Regulator in run
mode, all
oscillators OFF
1.1
1.2
1.2
1.2
1.3
1.4
-
-
-
Regulator in low-
power mode, all
oscillators OFF
1.1
1.2
1.2
1.2
1.3
1.4
-
-
-
Supply
current
in
Standby
mode
LSI ON and
IWDG ON
1.5
1.6
1.7
1.8
1.9
2.0
-
-
-
LSI OFF and
IWDG OFF
1
1.0
1.1
1.1
1.2
1.2
-
-
-
1. Data based on characterization results, not tested in production unless otherwise specified.
2. Data based on characterization results and tested in production (using one common test limit for sum of IDD and IDDA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com