Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F031C6T7 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32F031C6T7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031C6T7 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32F031C6T7 Datasheet HTML 47Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 48Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 49Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 50Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 51Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 52Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 53Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 54Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 106 page
background image
DocID025743 Rev 6
51/106
STM32F031x4 STM32F031x6
Electrical characteristics
80
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in Table 29. The MCU is placed
under the following conditions:
•
All I/O pins are in analog mode
•
All peripherals are disabled unless otherwise mentioned
•
The given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
•
Ambient operating temperature and supply voltage conditions summarized in Table 15:
Voltage characteristics
•
The power consumption of the digital part of the on-chip peripherals is given in
Table 29. The power consumption of the analog part of the peripherals (where
applicable) is indicated in each related section of the datasheet.
Table 29. Peripheral current consumption
Peripheral
Typical consumption at 25 °C
Unit
AHB
BusMatrix(1)
3.8
µA/MHz
DMA1
6.3
SRAM
0.7
Flash memory interface
15.2
CRC
1.61
GPIOA
9.4
GPIOB
11.6
GPIOC
1.9
GPIOF
0.8
All AHB peripherals
47.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com