Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F031C6T7 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32F031C6T7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031C6T7 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32F031C6T7 Datasheet HTML 31Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 32Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 33Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 34Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 35Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 36Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 37Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 38Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 106 page
background image
DocID025743 Rev 6
35/106
STM32F031x4 STM32F031x6
Memory mapping
35
APB
0x4000 7400 - 0x4000 7FFF
3KB
Reserved
0x4000 7000 - 0x4000 73FF
1KB
PWR
0x4000 5800 - 0x4000 6FFF
6KB
Reserved
0x4000 5400 - 0x4000 57FF
1KB
I2C1
0x4000 3400 - 0x4000 53FF
8KB
Reserved
0x4000 3000 - 0x4000 33FF
1KB
IWDG
0x4000 2C00 - 0x4000 2FFF
1KB
WWDG
0x4000 2800 - 0x4000 2BFF
1KB
RTC
0x4000 2400 - 0x4000 27FF
1KB
Reserved
0x4000 2000 - 0x4000 23FF
1KB
TIM14
0x4000 0800 - 0x4000 1FFF
6KB
Reserved
0x4000 0400 - 0x4000 07FF
1KB
TIM3
0x4000 0000 - 0x4000 03FF
1KB
TIM2
Table 14. Peripheral register boundary addresses (continued)
Bus
Boundary address
Size
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com