Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F031C6T7 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32F031C6T7
Description  ARM®-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031C6T7 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32F031C6T7 Datasheet HTML 25Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 26Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 27Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 28Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 29Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 30Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 31Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 32Page - STMicroelectronics STM32F031C6T7 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 106 page
background image
DocID025743 Rev 6
29/106
STM32F031x4 STM32F031x6
Pinouts and pin description
32
30
19
19
19
C1
17
PA9
I/O
FTf
-
USART1_TX,
TIM1_CH2,
I2C1_SCL
-
31
20
20
20
B1
18
PA10
I/O
FTf
-
USART1_RX,
TIM1_CH3,
TIM17_BKIN,
I2C1_SDA
-
32
21
21
-
-
-
PA11
I/O
FT
-
USART1_CTS,
TIM1_CH4,
EVENTOUT
-
33
22
22
-
-
-
PA12
I/O
FT
-
USART1_RTS,
TIM1_ETR,
EVENTOUT
-
34
23
23
21
A1
19
PA13
(SWDIO)
I/O
FT
(5)
IR_OUT,
SWDIO
-
35
-
-
-
-
-
PF6
I/O
FTf
-
I2C1_SCL
-
36
--
--
-
PF7
I/O
FTf
-
I2C1_SDA
-
37
24
24
22
A2
20
PA14
(SWCLK)
I/O
FT
(5)
USART1_TX,
SWCLK
-
38
25
25
23
-
-
PA15
I/O
FT
(6)
SPI1_NSS,
I2S1_WS,
TIM2_CH_ETR,
EVENTOUT,
USART1_RX
-
39
26
26
24
-
-
PB3
I/O
FT
(6)
SPI1_SCK,
I2S1_CK,
TIM2_CH2,
EVENTOUT
-
40
27
27
25
-
-
PB4
I/O
FT
(6)
SPI1_MISO,
I2S1_MCK,
TIM3_CH1,
EVENTOUT
-
Table 11. Pin definitions (continued)
Pin number
Pin name
(function upon
reset)
Notes
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com