Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4262 Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # 4262
Description  HIGH-RESOLUTION USB OSCILLOSCOPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

4262 Datasheet(HTML) 2 Page - Pico Technology Ltd.

  4262 Datasheet HTML 1Page - Pico Technology Ltd. 4262 Datasheet HTML 2Page - Pico Technology Ltd. 4262 Datasheet HTML 3Page - Pico Technology Ltd. 4262 Datasheet HTML 4Page - Pico Technology Ltd. 4262 Datasheet HTML 5Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Digital triggering
Digital triggering reduces trigger errors and allows our oscilloscopes
to trigger on the smallest signals, even at the full bandwidth. Trigger
levels and hysteresis can be set with great precision and resolution.
Digital triggering also reduces re-arm delay and this combined with
the segmented memory allows the triggering and capture of events
that happen in rapid sequence. At the fastest timebase you can use
rapid triggering to capture a new waveform every microsecond. The
mask limit testing function can then scan through these waveforms
to highlight any failed waveforms for viewing in the waveform buffer.
Arbitrary waveform and function generator
The unit has a built-in signal generator (sine, square, triangle, DC
level). As well as basic controls to set level, offset and frequency,
more advanced controls allow you to sweep over a range of
frequencies. Combined with the spectrum peak hold option, this
makes a powerful tool for testing amplifier and filter responses.
Also included is a fully programmable arbitrary waveform generator
with a 4 k-sample buffer.
High-end features as standard
To protect your investment, both the API and the firmware inside
the unit can be updated. We have a long history of providing new
features for free via software downloads. Other companies make
vague promises about future enhancements but we deliver on our
promises year after year. Users of our products reward us by
becoming lifelong customers, frequently recommending us to their
colleagues.
High signal integrity
Most oscilloscopes are built down to a price; ours are built up to a
specification.
Careful front-end design and shielding reduces noise, crosstalk and
harmonic distortion. Years of oscilloscope experience enable us to
achieve improved pulse response and bandwidth flatness.
We are proud of the dynamic performance of our products and
publish these specifications in detail. The result is simple: when
you probe a circuit with a PicoScope, you can trust in the data you
capture.
Low distortion, low noise
The PicoScope 4262 from Pico Technology is a 2-channel, 16-bit
high-resolution oscilloscope with a built-in low-distortion signal
generator. With its 5 MHz bandwidth, it can easily analyze audio,
ultrasonic and vibration signals, characterize noise in switched mode
power supplies, measure distortion, and perform a wide range of
precision measurement tasks.
Full-featured oscilloscope
The PicoScope 4262 is a full-featured oscilloscope, with a function
generator and arbitrary waveform generator that includes a sweep
function to enable frequency response analysis. It also offers mask
limit testing, math and reference channels, advanced digital triggering,
serial decoding, automatic measurements and color persistence
display.
Designed for the analog world
When used in spectrum analyzer mode, the scope provides a menu
of eleven automatic frequency-domain measurements such as IMD,
THD, SFDR and SNR. Its performance is so good that it rivals many
dedicated audio analyzers and dynamic signal analyzers costing
several times the price.
Most digital oscilloscopes have been designed for viewing fast
digital signals. The trend has been to use new technology solely to
increase sampling rate and bandwidth. With the PicoScope 4262 we
have focused on what’s important for measuring analogue signals:
increasing the resolution, improving dynamic range, and reducing
noise and distortion.
Advanced triggers
As well as the standard range of triggers found on all oscilloscopes,
the PicoScope 4262 offers a comprehensive set of advanced digital
triggers including pulse width, windowed and dropout triggers to
help you capture the data you need.
www.picotech.com
Introduction to the PicoScope 4262



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com