Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4262 Datasheet(PDF) 4 Page - Pico Technology Ltd.

Part # 4262
Description  HIGH-RESOLUTION USB OSCILLOSCOPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

4262 Datasheet(HTML) 4 Page - Pico Technology Ltd.

  4262 Datasheet HTML 1Page - Pico Technology Ltd. 4262 Datasheet HTML 2Page - Pico Technology Ltd. 4262 Datasheet HTML 3Page - Pico Technology Ltd. 4262 Datasheet HTML 4Page - Pico Technology Ltd. 4262 Datasheet HTML 5Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SERIAL DECODING
Protocols
I2C, CAN Bus, SPI, RS232/UART, I2S, LIN
MASK LIMIT TESTING
Statistics
Pass/fail, failure count, total count
DISPLAY MODES
Interpolation
Linear or sin (x)/x
Persistence modes
Digital color, analog intensity, custom, fast
SIGNAL GENERATOR
Standard output signals
Sine, square, triangle, DC voltage, ramp, sinc, Gaussian, half-sine, white noise, PRBS
Bandwidth
20 kHz
Output frequency accuracy
±50 ppm
Output frequency resolution
< 0.01 Hz
Output voltage range
±1 V (into high impedance load)
Offset voltage adjustment
100 μV steps (within overall ±1 V range)
DC accuracy
±0.5% of full scale
Amplitude flatness
< 0.1 dB to 20 kHz, typical
SFDR
102 dB typical @ 10 kHz, −1 dBfs input
Connector type
Front panel BNC
Output characteristics
600 Ω
Overvoltage protection
±10 V
Sweep modes
Up, down, dual with selectable frequency and sweep time
AWG
Update rate
192 kS/s
Buffer size
4096 samples
Resolution
16 bits
Bandwidth
20 kHz
Rise time (10% to 90%)
11 μs, typical
AUTOMATIC MEASUREMENTS
Scope mode
AC RMS, true RMS, frequency, cycle time, duty cycle, DC average, falling rate, rising rate,
low pulse width, high pulse width, fall time, rise time, minimum, maximum, peak to peak
Spectrum mode
Frequency at peak, amplitude at peak, average amplitude at peak,
total power, THD %, THD dB, THD+N, SFDR, SINAD, SNR, IMD
Statistics
Minimum, maximum, average, standard deviation
GENERAL
PC connectivity
USB 2.0 (USB 1.1 compatible)
Power requirements
Powered from USB port
Dimensions
210 x 135 x 40 mm (including connectors)
Weight
< 0.5 kg
Temperature range
Operating: 0 °C to 45 °C (20 °C to 30 °C for stated accuracy). Storage: −20 °C to +60 °C.
Humidity range
Operating: 5% to 80% RH, non-condensing. Storage: 5% to 95% RH, non-condensing.
Safety approvals
Designed to EN 61010-1:2010
Compliance
RoHS and WEEE compliant. CE: Tested to EN61326-1:2006. FCC: Tested to part 15 subpart B.
Software included
PicoScope 6, SDK and example programs
PicoScope software PC requirements
Microsoft Windows 7, Windows 8 or Windows 10, 32-bit or 64-bit
Languages
Chinese (simplified & traditional), Czech, Danish, Dutch, English, Finnish, French, German, Greek, Hungarian,
Italian, Japanese, Korean, Norwegian, Polish, Portuguese, Romanian, Russian, Spanish, Swedish, Turkish
Specifications Continued...
Have you seen our PicoScope 4000 Series data sheet?
It shows the full range of features available with the PicoScope software, which turns
your PicoScope 4262 into a powerful oscilloscope and spectrum analyzer. All of these
capabilities are included in the price of your oscilloscope.
www.picotech.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com