Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4262 Datasheet(PDF) 3 Page - Pico Technology Ltd.

Part # 4262
Description  HIGH-RESOLUTION USB OSCILLOSCOPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

4262 Datasheet(HTML) 3 Page - Pico Technology Ltd.

  4262 Datasheet HTML 1Page - Pico Technology Ltd. 4262 Datasheet HTML 2Page - Pico Technology Ltd. 4262 Datasheet HTML 3Page - Pico Technology Ltd. 4262 Datasheet HTML 4Page - Pico Technology Ltd. 4262 Datasheet HTML 5Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PicoScope 4262
PicoScope 4262 Specifications
www.picotech.com
VERTICAL
Number of channels
2
Input connectors
BNC
Bandwidth (-3 dB)
5 MHz (4 MHz on ±20 mV range, 3 MHz on ±10 mV range)
Bandwidth limiter
200 kHz, switchable
Rise time (calculated)
70 ns (88 ns on ±20 mV range, 117 ns on ±10 mV range)
Resolution
16 bits (20 bits in enhanced resolution mode)
Input impedance
1 MΩ ±2%
∥15pF±2pF
Input coupling
AC/DC
Input sensitivity
2 mV/div to 4 V/div (10 vertical divisions)
Input ranges
±10 mV, ±20 mV, ±50 mV, ±100 mV, ±200 mV, ±500 mV, ±1 V, ±2 V, ±5 V, ±10 V, ±20 V
DC accuracy (% of full scale)
±0.25% (±0.5% on ±50 mV range , ±1% on ±20 mV range, ±2% on ±10 mV range)
Overvoltage protection
±50 V (DC + AC Peak)
HORIZONTAL
Maximum sampling rate (real-time)
10 MS/s (1 or 2 channels in use)
Maximum sampling rate (USB
streaming)
10 MS/s using PicoScope 6 software.
10 MS/s (1 channel in use), 6.7 MS/s (2 channels in use) using supplied SDK.
Buffer memory
16 MS
Waveform buffer (no. of segments)
10 000 (with supplied software), 32 768 (in SDK)
Timebase ranges
1 ns/div to 5000 s/div
Timebase accuracy
±50 ppm
Sample jitter
< 10 ps RMS
ADC sampling
Simultaneous sampling on all enabled channels
DYNAMIC PERFORMANCE (typical)
Crosstalk
> 50 000:1
Total harmonic distortion
−95 dB typical at 10 kHz, −1 dBfs input
SFDR
96 dB typical at 10 kHz, −1 dBfs input
Pulse response
<1% overshoot all ranges
Bandwidth flatness
+0.25 dB to –3 dB, DC to full bandwidth
Noise
8.5 μV RMS (on most sensitive range)
TRIGGERS (CHANNELS A & B)
Trigger modes
None, auto, repeat, single, rapid (segmented memory)
Basic trigger types
Rising, falling
Advanced digital trigger types
Edge, window, pulse width, window pulse width, dropout, window dropout, interval, runt pulse, logic
Trigger sensitivity (Ch A, Ch B)
Digital triggering provides 1 LSB accuracy up to full bandwidth of scope
Max. pre-trigger capture
Up to 100% of capture size
Max. post-trigger delay
Up to 4 billion samples
Trigger re-arm time
< 10 µs on fastest timebase
EXT TRIGGER
Trigger types
Edge, pulse width, dropout, interval, logic, delayed
Input characteristics
Rear panel BNC, 1 MΩ ±2%
∥15pF±2pF
Threshold range
±5 V and ±500 mV, DC coupled
Sensitivity
25 mV p-p at 1 MHz, typical
DC accuracy
± 1%
Bandwidth
5 MHz
Overvoltage protection
± 50 V
SPECTRUM ANALYZER
Frequency range
DC to 5 MHz
Windowing functions
Rectangular, Gaussian, triangular, Blackman, Blackman-Harris, Hamming, Hann, flat-top
Display modes
Magnitude, peak hold, average
Number of FFT points
128 to 1 million
MATH CHANNELS
Functions
−x, x+y, x−y, x*y, x/y, sqrt(x), x^y, exp(x), ln(x), log(x), abs(x), norm(x), sign(x),
sin(x), cos(x), tan(x), arcsin(x), arccos(x), arctan(x), sinh(x), cosh(x), tanh(x)
Operands
Input channels A and B, time, reference waveforms, pi



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com