Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4262 Datasheet(PDF) 5 Page - Pico Technology Ltd.

Part # 4262
Description  HIGH-RESOLUTION USB OSCILLOSCOPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

4262 Datasheet(HTML) 5 Page - Pico Technology Ltd.

  4262 Datasheet HTML 1Page - Pico Technology Ltd. 4262 Datasheet HTML 2Page - Pico Technology Ltd. 4262 Datasheet HTML 3Page - Pico Technology Ltd. 4262 Datasheet HTML 4Page - Pico Technology Ltd. 4262 Datasheet HTML 5Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ch A
Ch B
AWG
& Function Generator
The front panel of the PicoScope 4262 has two BNC
input channels and a BNC output for the function
generator and AWG.
The rear panel of the PicoScope 4262 has two
connections: a USB port for connection to the PC,
and a BNC for an external trigger to be connected.
USB
Trigger Input
Your PP799 PicoScope 4262 product
pack contains the following items:
•
2 x MI007 probes
•
PicoScope 4262
•
USB cable
•
Quick Start Guide
•
Software and Reference CD
Ordering information
ORDER CODE
PART DESCRIPTION
USD*
EUR*
GBP*
PP799
PicoScope 4262 16-bit oscilloscope with 2 probes
1235
1045
859
*Prices are correct at the time of publication. Sales taxes not included.
Please contact Pico Technology for the latest prices before ordering.
UK headquarters:
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
+44 (0) 1480 396 395
+44 (0) 1480 396 296
 sales@picotech.com
Errors and omissions excepted. Pico Technology and PicoScope are internationally
registered trade marks of Pico Technology Ltd.
MM030.en-10. Copyright © 2011–2017 Pico Technology Ltd. All rights reserved.
www.picotech.com
US headquarters:
Pico Technology
320 N Glenwood Blvd
Tyler
Texas 75702
United States
+1 800 591 2796
+1 620 272 0981
 sales@picotech.com
PicoScope 4262 Connections



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com