Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3130 Datasheet(PDF) 15 Page - Texas Instruments

Part # REF3130
Description  REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3130 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF3130 Datasheet HTML 11Page - Texas Instruments REF3130 Datasheet HTML 12Page - Texas Instruments REF3130 Datasheet HTML 13Page - Texas Instruments REF3130 Datasheet HTML 14Page - Texas Instruments REF3130 Datasheet HTML 15Page - Texas Instruments REF3130 Datasheet HTML 16Page - Texas Instruments REF3130 Datasheet HTML 17Page - Texas Instruments REF3130 Datasheet HTML 18Page - Texas Instruments REF3130 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
+
+
±
+
±
IN OUT
REF3112
IN
OUT
REF3130
3.3 V
R2
R1
1.25 V
20 k
R3
3.0 V
VOUT
20 k
OPA317
100 k
10 k
3.0 V
1.25 V
3.3 V
IN+
IN±
SD_16
J1.2/A1+
J1.3/A1±
J1.5/VREF
0.625 V
C2
47 µF
R6
47 k
R7
47 k
VIN
±5 V
R4
A-ADC
R5
3.0 V
MSP430F2013
Launchpad
100 k
1
3
REF31xx
2
0.47 F
m
V
IN
V
OUT
15
REF3112, REF3120, REF3125
REF3130, REF3133, REF3140
www.ti.com
SBVS046D – DECEMBER 2003 – REVISED MARCH 2016
Product Folder Links: REF3112 REF3120 REF3125 REF3130 REF3133 REF3140
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The REF31xx does not require a load capacitor and is stable with any capacitive load. Figure 28 shows typical
connections required for operation of the REF31xx. TI recommends a supply bypass capacitor of 0.47
μF.
Figure 28. Typical Connections for Operating REF31xx
9.2 Typical Application
Figure 29 shows a low-power reference and conditioning circuit. This circuit attenuates and level-shifts a bipolar
input voltage within the proper input range of a single-supply, low-power, 16-bit
ΔΣ ADC, such as the one inside
the MSP430 or other similar single-supply ADCs. Precision reference circuits are used to level-shift the input
signal, provide the ADC reference voltage, and to create a well-regulated supply voltage for the low-power
analog circuitry. A low-power, zero-drift, op-amp circuit is used to attenuate and level-shift the input signal.
Figure 29. Low-Power Reference and Bipolar Voltage Conditioning Circuit for Low-Power ADCs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com