Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3130 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF3130
Description  REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3130 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF3130 Datasheet HTML 2Page - Texas Instruments REF3130 Datasheet HTML 3Page - Texas Instruments REF3130 Datasheet HTML 4Page - Texas Instruments REF3130 Datasheet HTML 5Page - Texas Instruments REF3130 Datasheet HTML 6Page - Texas Instruments REF3130 Datasheet HTML 7Page - Texas Instruments REF3130 Datasheet HTML 8Page - Texas Instruments REF3130 Datasheet HTML 9Page - Texas Instruments REF3130 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
120
100
80
60
40
20
0
-60
-40
-20
0
20
40
60
100
120
80
140
Temperature ( C)
°
100
10
1
0.1
0.01
1
10
100
1k
100k
10k
1M
Frequency (Hz)
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
-0.02
-0.04
-60 -40 -20
0
40
20
60
80
100
120
140
Temperature ( C)
°
120
100
80
60
40
20
0
-15
-10
-5
0
5
10
15
Load Current (mA)
18
16
14
12
10
8
6
4
2
0
1
0
Drift (ppm/ C)
°
2
3
4
5
6
8
9
10 11 12 13 14 15 16
25
20
15
10
5
0
1
0
Drift (ppm/ C)
°
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
6
REF3112, REF3120, REF3125
REF3130, REF3133, REF3140
SBVS046D – DECEMBER 2003 – REVISED MARCH 2016
www.ti.com
Product Folder Links: REF3112 REF3120 REF3125 REF3130 REF3133 REF3140
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
At TA = 25°C, VIN = 5-V power supply, and REF3125 is used for typical characteristic measurements, unless otherwise noted.
Figure 1. Temperature Drift (0°C to 70°C)
Figure 2. Temperature Drift (–40°C to +125°C)
Figure 3. Output Voltage vs Temperature
Figure 4. Dropout Voltage vs Load Current
Figure 5. Quiescent Current vs Temperature
Figure 6. Output Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com