Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3130 Datasheet(PDF) 17 Page - Texas Instruments

Part # REF3130
Description  REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3130 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF3130 Datasheet HTML 13Page - Texas Instruments REF3130 Datasheet HTML 14Page - Texas Instruments REF3130 Datasheet HTML 15Page - Texas Instruments REF3130 Datasheet HTML 16Page - Texas Instruments REF3130 Datasheet HTML 17Page - Texas Instruments REF3130 Datasheet HTML 18Page - Texas Instruments REF3130 Datasheet HTML 19Page - Texas Instruments REF3130 Datasheet HTML 20Page - Texas Instruments REF3130 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
OUT
GND
IN
C
C
REF31xx
To ADC
To Input Power Supply
Via to Ground Plane
17
REF3112, REF3120, REF3125
REF3130, REF3133, REF3140
www.ti.com
SBVS046D – DECEMBER 2003 – REVISED MARCH 2016
Product Folder Links: REF3112 REF3120 REF3125 REF3130 REF3133 REF3140
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The REF31xx family of references features an extremely low dropout voltage. With the exception of the
REF3112, which has a minimum supply requirement of 1.8 V, these references can be operated with a supply of
only 5 mV above the output voltage in an unloaded condition. For loaded conditions, a typical dropout voltage
versus load is shown in the front page plot, Dropout Voltage vs Load Current. TI recommends a supply bypass
capacitor greater than 0.47
μF.
11 Layout
11.1 Layout Guidelines
Figure 33 illustrates an example of a printed-circuit board (PCB) layout using the REF31xx. Some key
considerations are:
•
Connect low-ESR, 0.1-
μF ceramic bypass capacitors at VIN of the REF31xx
•
Decouple other active devices in the system per the device specifications
•
Use a solid ground plane to help distribute heat and reduces electromagnetic interference (EMI) noise pickup
•
Place the external components as close to the device as possible. This configuration prevents parasitic errors
(such as the Seebeck effect) from occurring
•
Minimize trace length between the reference and bias connections to the INA and ADC to reduce noise
pickup
•
Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when absolutely necessary
11.2 Layout Example
Figure 33. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com