Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3130 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF3130
Description  REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3130 Datasheet(HTML) 1 Page - Texas Instruments

  REF3130 Datasheet HTML 1Page - Texas Instruments REF3130 Datasheet HTML 2Page - Texas Instruments REF3130 Datasheet HTML 3Page - Texas Instruments REF3130 Datasheet HTML 4Page - Texas Instruments REF3130 Datasheet HTML 5Page - Texas Instruments REF3130 Datasheet HTML 6Page - Texas Instruments REF3130 Datasheet HTML 7Page - Texas Instruments REF3130 Datasheet HTML 8Page - Texas Instruments REF3130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
120
100
80
60
40
20
0
-15
-10
-5
0
5
10
15
Load Current (mA)
ADS7822
V
CC
CS
D
OUT
DCLOCK
V
REF
+In
-In
GND
+
+
5W
1 F to 10 F
m
m
1 F to
m
10 F
m
3.3V
0.1 F
m
V
IN
V+
V
S
Microcontroller
REF3133
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
REF3112, REF3120, REF3125
REF3130, REF3133, REF3140
SBVS046D – DECEMBER 2003 – REVISED MARCH 2016
REF31xx 15ppm/°C Maximum, 100-µA, SOT-23 Series Voltage Reference
1
1 Features
1
•
MicroSize Package: SOT23-3
•
Low Dropout: 5 mV
•
High Output Current: ±10 mA
•
High Accuracy: 0.2% Maximum
•
Low IQ: 115 µA Maximum
•
Excellent Specified Drift Performance:
–
15 ppm/°C (Maximum) from 0°C to +70°C
–
20 ppm/°C (Maximum) from –40°C to +125°C
2 Applications
•
Portable, Battery-Powered Equipment
•
Data Acquisition Systems
•
Medical Equipment
•
Hand-Held Test Equipment
3 Description
The REF31xx is a family of precision, low power, low
dropout, series voltage references available in the
tiny 3-pin SOT-23 package.
The
REF31xx's
small
size
and
low
power
consumption (100
μA typical) make it ideal for
portable
and
battery-powered
applications.
The
REF31xx does not require a load capacitor, but is
stable with any capacitive load and can sink or
source up to 10 mA of output current.
Unloaded, the REF31xx can operate on supplies
down to 5 mV above the output voltage. All models
are specified for the wide temperature range of –40°C
to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
REF31xx
SOT-23 (3)
2.92 mm × 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
Dropout Voltage vs Load Current


Similar Part No. - REF3130

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3130 BURR-BROWN-REF3130 Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3130 BURR-BROWN-REF3130 Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3130-Q1 TI1-REF3130-Q1 Datasheet
573Kb / 23P
15 ppm Maximum, 100-uA, SOT-23 Series Voltage Reference
logo
Burr-Brown (TI)
REF3130AIDBZR BURR-BROWN-REF3130AIDBZR Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3130AIDBZR BURR-BROWN-REF3130AIDBZR Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
More results

Similar Description - REF3130

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF3125 BURR-BROWN-REF3125 Datasheet
250Kb / 11P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
logo
Burr-Brown (TI)
REF3112 BURR-BROWN-REF3112 Datasheet
284Kb / 13P
15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
Precision 5.0V SOT-23 FGA??Voltage Reference
May 2, 2006
logo
Texas Instruments
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
SOT-23 Precision Micropower Series Voltage Reference
REF3112 TI1-REF3112_16 Datasheet
1Mb / 26P
SOT-23 Series Voltage Reference
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
SOT-23 Precision Micropower Series Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
SOT-23 Precision Micropower Series Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
REF3112-Q1 TI1-REF3112-Q1 Datasheet
573Kb / 23P
15 ppm Maximum, 100-uA, SOT-23 Series Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com