Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ80EP Datasheet(PDF) 51 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 47Page - STMicroelectronics L99DZ80EP Datasheet HTML 48Page - STMicroelectronics L99DZ80EP Datasheet HTML 49Page - STMicroelectronics L99DZ80EP Datasheet HTML 50Page - STMicroelectronics L99DZ80EP Datasheet HTML 51Page - STMicroelectronics L99DZ80EP Datasheet HTML 52Page - STMicroelectronics L99DZ80EP Datasheet HTML 53Page - STMicroelectronics L99DZ80EP Datasheet HTML 54Page - STMicroelectronics L99DZ80EP Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
DocID18260 Rev 6
51/68
L99DZ80EP
SPI - control and status registers
67
5.3
Control Register 2
7
EC<5>
Read/write
0
The reference voltage for the electrochrome voltage controller
at pins ECV and ECFD is binary coded.
6
EC<4>
Read/write
0
5
EC<3>
Read/write
0
4
EC<2>
Read/write
0
3
EC<1>
Read/write
0
2
EC<0>
Read/write
0
1
ECON
Read/write
0
The electrochrome control is activated by setting this bit to ‘1’.
This enables the driver at pin ECDR and switches OUT10
directly on ignoring bit OUT10_HS on/off.
0
ECFD_LS on/off
Read/write
0
The corresponding output driver is activated, if this bit is set.
Setting the PWM enable bit, the driver is only switched on, if
the PWM timer enables it.
Table 34. Control Register 1 (continued)
Bit
Name
Access
Reset
Content
Table 35. Control Register 2
Bit
Name
Access
Reset
Content
15
OUT1_OCR
Read/write
0
Setting this bit to high enables the overcurrent recovery mode for
the corresponding output.
14
OUT2_OCR
Read/write
0
13
OUT3_OCR
Read/write
0
12
OUT4_OCR
Read/write
0
11
OUT5_OCR
Read/write
0
10
OUT6_OCR
Read/write
0
9
ECV_OCR
Read/write
0
8
ECND
Read/write
0
Setting this bit to ‘1’ puts the electrochrome controller into the
negative discharge mode.
7
OUT1_PWM3
Read/write
0
Setting this bit to ‘1’ enables the PWM mode for the corresponding
output.
6
OUT2_PWM1
Read/write
0
5
OUT3_PWM2
Read/write
0
4
OUT4_PWM1
Read/write
0
3
OUT5_PWM2
Read/write
0
2
OUT6_PWM3
Read/write
0
1
ECV_PWM4
Read/write
0
0
ECV_HV
Read/write
0
Setting this bit to ‘1’ sets the maximum electrochrome controller
voltage to 1.5 V (typ.). A ‘0’ clamps it to 1.2V (typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com