Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ80EP Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 7Page - STMicroelectronics L99DZ80EP Datasheet HTML 8Page - STMicroelectronics L99DZ80EP Datasheet HTML 9Page - STMicroelectronics L99DZ80EP Datasheet HTML 10Page - STMicroelectronics L99DZ80EP Datasheet HTML 11Page - STMicroelectronics L99DZ80EP Datasheet HTML 12Page - STMicroelectronics L99DZ80EP Datasheet HTML 13Page - STMicroelectronics L99DZ80EP Datasheet HTML 14Page - STMicroelectronics L99DZ80EP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
DocID18260 Rev 6
11/68
L99DZ80EP
Electrical specifications
67
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality document.
Table 3. Absolute maximum ratings
Symbol
Parameter/test condition
Value
[DC Voltage]
Unit
VS1, VS2
DC supply voltage
-0.3 to +28
V
Single pulse / tmax < 400 ms “transient load dump”
-0.3 to +40
V
VCC
Stabilized supply voltage, logic supply
-0.3 to VS +0.3
V
VDI, VCLK, VCSN, VDO,
VCM, VDIR, VPWMH, VDIR
Logic input / output voltage range
-0.3 to VCC +0.3
V
VOUTn, ECDR, ECV, ECFD Output voltage (n = 1 to 11)
-0.3 to VS +0.3
V
VSL1, VSH1, VSL2, VSH2
(VSxy)
High voltage signal pins
-6 to 40
V
VGL1, VGH1, VGL2, VGH2
(VGxy)
High voltage signal pins
VSxy - 1 to VSxy +10;
VCP +0.3
V
VCP1P
High voltage signal pins
VS - 0.3 to VS +10
V
VCP2P
High voltage signal pins
VS - 0.6 to VS +10
V
VCP1M, VCP2M
High voltage signal pins
-0.3 to VS +0.3
V
VCP
High voltage signal pin
VS1,2 26 V
VS - 0.3 to VS +14
V
VS1,2 > 26 V
VS - 0.3 to +40
V
IOUT2,3,9,10, ECV, ECFD
Output current(1)
±1.25
A
IOUT1,6,7
Output current(1) (low on-resistance mode)
±5
A
IOUT7
Output current(1) (high on-resistance mode)
±5
A
IOUT8
Output current(1)
±2.5
A
IOUT4,5
Output current(1)
±10
A
IOUT11
Output current(1)
±7.5
A
IVS1cum
Maximum cumulated input current at VS1 pins
(1)
±12.5
A
IVS2cum
Maximum cumulated input current at VS2 pins
(1)
±12.5
A
IGND1cum
Maximum cumulated output current at GND1 pins
(1)
±5
A
IGND2cum
Maximum cumulated output current at GND2 pins
(1)
±12.5
A
1.
Values for the absolute maximum DC current through the bond wires. This value does not consider maximum power
dissipation or other limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com