Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99DZ80EP Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99DZ80EP
Description  Automotive door actuator driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ80EP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99DZ80EP Datasheet HTML 20Page - STMicroelectronics L99DZ80EP Datasheet HTML 21Page - STMicroelectronics L99DZ80EP Datasheet HTML 22Page - STMicroelectronics L99DZ80EP Datasheet HTML 23Page - STMicroelectronics L99DZ80EP Datasheet HTML 24Page - STMicroelectronics L99DZ80EP Datasheet HTML 25Page - STMicroelectronics L99DZ80EP Datasheet HTML 26Page - STMicroelectronics L99DZ80EP Datasheet HTML 27Page - STMicroelectronics L99DZ80EP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Electrical specifications
L99DZ80EP
24/68
DocID18260 Rev 6
Figure 8. H-driver delay times
Table 17. Drain source monitoring
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSCd1
Drain-source threshold voltage
VS = 13.5 V
0.3
0.5
0.7
V
VSCd2
Drain-source threshold voltage
VS = 13.5 V
0.8
1
1.2
V
VSCd3
Drain-source threshold voltage
VS = 13.5 V
1.2
1.5
1.8
V
VSCd4
Drain-source threshold voltage
VS = 13.5 V
1.6
2
2.4
V
tSCd
Drain-source monitor filter time
3
5.5
8
µs
tscs
Drain-source comparator
settling time
VS =13.5 V; VSH = jump
from GND to VS
—
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com