Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APWR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC541APWR
Description  SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC541APWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC541APWR Datasheet HTML 1Page - Texas Instruments SN74LVC541APWR Datasheet HTML 2Page - Texas Instruments SN74LVC541APWR Datasheet HTML 3Page - Texas Instruments SN74LVC541APWR Datasheet HTML 4Page - Texas Instruments SN74LVC541APWR Datasheet HTML 5Page - Texas Instruments SN74LVC541APWR Datasheet HTML 6Page - Texas Instruments SN74LVC541APWR Datasheet HTML 7Page - Texas Instruments SN74LVC541APWR Datasheet HTML 8Page - Texas Instruments SN74LVC541APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
SN54LVC541A, SN74LVC541A
SCAS298N – JANUARY 1993 – REVISED JUNE 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description ............................................ 10
9.1
Overview ................................................................. 10
2
Applications ........................................................... 1
9.2
Functional Block Diagram ....................................... 10
3
Description ............................................................. 1
9.3
Feature Description................................................. 10
4
Simplified Schematic............................................. 1
9.4
Device Functional Modes........................................ 10
5
Revision History..................................................... 2
10
Application and Implementation........................ 11
6
Pin Configuration and Functions ......................... 3
10.1
Application Information.......................................... 11
7
Specifications......................................................... 4
10.2
Typical Application ............................................... 11
7.1
Absolute Maximum Ratings ..................................... 4
11
Power Supply Recommendations ..................... 12
7.2
Handling Ratings....................................................... 4
12
Layout................................................................... 12
7.3
Recommended Operating Conditions ...................... 5
12.1
Layout Guidelines ................................................. 12
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 12
7.5
Electrical Characteristics—DC Limit Changes.......... 6
13
Device and Documentation Support ................. 13
7.6
Switching Characteristics—AC Limit Changes ......... 7
13.1
Related Links ........................................................ 13
7.7
Switching Characteristics, SN74LVC541A –40°C to
85°C ........................................................................... 7
13.2
Trademarks ........................................................... 13
7.8
Switching Characteristics, SN74LVC541A –40°C to
13.3
Electrostatic Discharge Caution ............................ 13
125°C ......................................................................... 7
13.4
Glossary ................................................................ 13
7.9
Operating Characteristics.......................................... 7
14
Mechanical, Packaging, and Orderable
7.10
Typical Characteristics ............................................ 8
Information ........................................................... 13
8
Parameter Measurement Information .................. 9
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision M (May 2005) to Revision N
Page
•
Updated document to new TI data sheet format. ................................................................................................................... 1
•
Removed Ordering Information table. .................................................................................................................................... 1
•
Updated Ioff Feature bullet. ..................................................................................................................................................... 1
•
Updated Features to include Military Disclaimer. ................................................................................................................... 1
•
Added Applications ................................................................................................................................................................ 1
•
Added Device Information table. ............................................................................................................................................ 1
•
Added Handling Ratings table. ............................................................................................................................................... 4
•
Changed MAX operating free-air temperature from 85°C to 125°C for SN74LVC541A. ....................................................... 5
•
Updated Thermal Information table. ...................................................................................................................................... 5
•
Added –40°C TO 125°C temperature range to Electrical Characteristics table for SN74LVC541A. ..................................... 6
•
Added Switching Characteristics table –40°C TO 125°C temperature range for SN74LVC541A. ........................................ 7
•
Added Typical Characteristics. ............................................................................................................................................... 8
2
Submit Documentation Feedback
Copyright © 1993–2014, Texas Instruments Incorporated
Product Folder Links: SN54LVC541A SN74LVC541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com