Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APWR Datasheet(PDF) 20 Page - Texas Instruments

Part # SN74LVC541APWR
Description  SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC541APWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN74LVC541APWR Datasheet HTML 16Page - Texas Instruments SN74LVC541APWR Datasheet HTML 17Page - Texas Instruments SN74LVC541APWR Datasheet HTML 18Page - Texas Instruments SN74LVC541APWR Datasheet HTML 19Page - Texas Instruments SN74LVC541APWR Datasheet HTML 20Page - Texas Instruments SN74LVC541APWR Datasheet HTML 21Page - Texas Instruments SN74LVC541APWR Datasheet HTML 22Page - Texas Instruments SN74LVC541APWR Datasheet HTML 23Page - Texas Instruments SN74LVC541APWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jul-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9759501Q2A
FK
LCCC
20
55
506.98
12.06
2030
NA
5962-9759501QSA
W
CFP
20
25
506.98
26.16
6220
NA
SN74LVC541ADW
DW
SOIC
20
25
507
12.83
5080
6.6
SN74LVC541ADW.B
DW
SOIC
20
25
507
12.83
5080
6.6
SN74LVC541ADWG4
DW
SOIC
20
25
507
12.83
5080
6.6
SN74LVC541ADWG4.B
DW
SOIC
20
25
507
12.83
5080
6.6
SN74LVC541ANS.B
NS
SOP
20
40
530
10.5
4000
4.1
SN74LVC541ANSG4
NS
SOP
20
40
530
10.5
4000
4.1
SN74LVC541ANSG4.B
NS
SOP
20
40
530
10.5
4000
4.1
SN74LVC541APW
PW
TSSOP
20
70
530
10.2
3600
3.5
SN74LVC541APW.B
PW
TSSOP
20
70
530
10.2
3600
3.5
SN74LVC541APWG4
PW
TSSOP
20
70
530
10.2
3600
3.5
SNJ54LVC541AFK
FK
LCCC
20
55
506.98
12.06
2030
NA
SNJ54LVC541AW
W
CFP
20
25
506.98
26.16
6220
NA
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com