Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APWR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC541APWR
Description  SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC541APWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC541APWR Datasheet HTML 7Page - Texas Instruments SN74LVC541APWR Datasheet HTML 8Page - Texas Instruments SN74LVC541APWR Datasheet HTML 9Page - Texas Instruments SN74LVC541APWR Datasheet HTML 10Page - Texas Instruments SN74LVC541APWR Datasheet HTML 11Page - Texas Instruments SN74LVC541APWR Datasheet HTML 12Page - Texas Instruments SN74LVC541APWR Datasheet HTML 13Page - Texas Instruments SN74LVC541APWR Datasheet HTML 14Page - Texas Instruments SN74LVC541APWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
uC or
System Logic
OE
Vcc
GND
A1
A8
Y1
Y8
Regulated 3.3 V
uC
System Logic
LEDs
OE2
1
SN54LVC541A, SN74LVC541A
www.ti.com
SCAS298N – JANUARY 1993 – REVISED JUNE 2014
10 Application and Implementation
10.1 Application Information
The SN74LVC541A is a high-drive CMOS device that can be used for a multitude of bus-interface type
applications where the data needs to be retained or latched. It can produce 24 mA of drive current at 3.3 V.
Therefore, this device is ideal for driving multiple outputs and for high-speed applications up to 100 Mhz. The
inputs are 5.5 V tolerant allowing the device to translate down to VCC.
10.2 Typical Application
Figure 4. Typical Application Diagram
10.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create fast
edges into light loads; therefore, routing and load conditions should be considered to prevent ringing.
10.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
Rise time and fall time specs: See (
Δt/ΔV) in the Recommended Operating Conditions table.
–
Specified high and low levels: See (VIH and VIL) in the Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions
–
Load currents should not exceed 25 mA per output and 50 mA total for the part.
–
Outputs should not be pulled above VCC.
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN54LVC541A SN74LVC541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com