Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC541APWR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC541APWR
Description  SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC541APWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC541APWR Datasheet HTML 3Page - Texas Instruments SN74LVC541APWR Datasheet HTML 4Page - Texas Instruments SN74LVC541APWR Datasheet HTML 5Page - Texas Instruments SN74LVC541APWR Datasheet HTML 6Page - Texas Instruments SN74LVC541APWR Datasheet HTML 7Page - Texas Instruments SN74LVC541APWR Datasheet HTML 8Page - Texas Instruments SN74LVC541APWR Datasheet HTML 9Page - Texas Instruments SN74LVC541APWR Datasheet HTML 10Page - Texas Instruments SN74LVC541APWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
SN54LVC541A, SN74LVC541A
www.ti.com
SCAS298N – JANUARY 1993 – REVISED JUNE 2014
7.6 Switching Characteristics—AC Limit Changes
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
SN54LVC541A
FROM
TO
PARAMETER
VCC = 2.7 V
VCC = 3.3 V ± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd
A
Y
5.6
1
5.1
ns
ten
OE
Y
7.5
1
7
ns
tdis
OE
Y
7.7
1
7
ns
7.7 Switching Characteristics, SN74LVC541A –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
SN74LVC541A
–40°C TO 85°C
FROM
TO
PARAMETER
UNIT
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
(INPUT)
(OUTPUT)
VCC = 2.7 V
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1
15.7
1
7.8
1
5.6
1.5
5.1
ns
ten
OE
Y
1
17.5
1
10.5
1
7.5
1.5
7
ns
tdis
OE
Y
1
16.5
1
9
1
7.7
1.5
7
ns
tsk(o)
1
ns
7.8 Switching Characteristics, SN74LVC541A –40°C to 125°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
SN74LVC541A
–40°C TO 125°C
FROM
TO
PARAMETER
UNIT
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
(INPUT)
(OUTPUT)
VCC = 2.7 V
± 0.15 V
± 0.2 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1
16.3
1
8.3
1
6.1
1
5.6
ns
ten
OE
Y
1
18.5
1
11.1
1
8
1
7.5
ns
tdis
OE
Y
1
17.3
1
9.7
1
8.2
1
7.5
ns
tsk(o)
1.5
ns
7.9 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
65
58
33
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per buffer/driver
Outputs disabled
2
2
2
Copyright © 1993–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54LVC541A SN74LVC541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com