Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8402AYILF Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS8402AYILF
Description  350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8402AYILF Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS8402AYILF Datasheet HTML 11Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 12Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 13Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 14Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 15Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 16Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 17Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 18Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ICS8402I
350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVCMOS/LVTTL FREQUENCY SYNTHESIZER
16
ICS8402AYI REV. A OCTOBER 16, 2007
Package Outline - K Suffix for 32 Lead VFQFN
NOTE:The following package mechanical drawing is a generic drawing that applies to any pin count VFQFN package. This drawing is not
intended to convey the actual pin count or pin layout of this device. The pin count and pinout are shown on the front page. The package
dimensions are in Table 8 below.
Table 9B. Package Dimensions for 32 Lead VFQFN
Reference Document: JEDEC Publication 95, MO-220
JEDEC Variation: VHHD-2/-4
All Dimensions in Millimeters
Symbol
Minimum
Nominal
Maximum
N
32
A
0.80
1.00
A1
00.05
A3
0.25 Ref.
b
0.18
0.25
0.30
ND & NE
8
D & E
5.00 Basic
D2 & E2
3.0
3.3
e
0.50 Basic
L
0.30
0.40
0.50
To p View
Ind exArea
D
Chamfer 4x
0.6 x 0.6 max
OPTIONAL
Anvil
Singula tion
A
0. 08
C
C
A3
A1
S eating Plan e
E2
E2
2
L
(N
-1)x e
(R ef.)
(Ref.)
N & N
Even
N
e
D2
2
D2
(Ref.)
N & N
Odd
1
2
e
2
(Ty p.)
If N & N
are Even
(N -1)x e
(Re f.)
b
Th er mal
Ba se
N
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com