Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8402AYILF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS8402AYILF
Description  350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8402AYILF Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS8402AYILF Datasheet HTML 1Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 2Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 3Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 4Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 5Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 6Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 7Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 8Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ICS8402I
350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVCMOS/LVTTL FREQUENCY SYNTHESIZER
5
ICS8402AYI REV. A OCTOBER 16, 2007
Table 3B. Programmable VCO Frequency Function Table
NOTE 1: These M divide values and the resulting frequencies correspond to a TEST_CLK or crystal frequency of 25MHz.
Table 3C. Programmable Output DividerFunction Table
Table 3D. OE Function Table
VCO Frequency
(MHz)
M Divide
256
128
64
32
16
8421
M8
M7
M6
M5
M4
M3
M2
M1
M0
250
10
000001010
275
11
000001011
•
•
•••••
••••
•
•
•••••
••••
650
26
000011010
675
27
000011011
700
28
000011100
Inputs
N Divider Value
Output Frequency (MHz)
N1
N0
Minimum
Maximum
0
0
2
125
350
0
1
4
62.5
175
1
0
8
31.25
87.5
1
1
16
15.625
43.75
Inputs
Output
OE0
OE1
Q0
Q1
0
0
Hi-Z
Hi-Z
0
1
Hi-Z
Enabled
1
0
Enabled
Hi-Z
1
1
Enabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com