Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8402AYILF Datasheet(PDF) 17 Page - Integrated Device Technology

Part # ICS8402AYILF
Description  350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8402AYILF Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button ICS8402AYILF Datasheet HTML 11Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 12Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 13Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 14Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 15Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 16Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 17Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 18Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
ICS8402I
350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVCMOS/LVTTL FREQUENCY SYNTHESIZER
17
ICS8402AYI REV. A OCTOBER 16, 2007
Ordering Information
Table 10. Ordering Information
NOTE: Parts that are ordered with an "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
8402AYI
ICS8402AYI
32 Lead LQFP
Tray
-40
°C to 85°C
8402AYIT
ICS8402AYI
32 Lead LQFP
1000 Tape & Reel
-40
°C to 85°C
8402AYILF
ICS8402AYILF
“Lead-Free” 32 Lead LQFP
Tray
-40
°C to 85°C
8402AYILFT
ICS8402AYILF
“Lead-Free” 32 Lead LQFP
1000 Tape & Reel
-40
°C to 85°C
8402AKI
ICS8402AKI
32 Lead VFQFN
Tray
-40
°C to 85°C
8402AKIT
ICS8402AKI
32 Lead VFQFN
2500 Tape & Reel
-40
°C to 85°C
8402AKILF
ICS8402AKIL
“Lead-Free” 32 Lead VFQFN
Tray
-40
°C to 85°C
8402AKILFT
ICS8402AKI
“Lead-Free” 32 Lead VFQFN
2500 Tape & Reel
-40
°C to 85°C
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial and industrial applications. Any other applications, such as those requiring high reliability or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT
product for use in life support devices or critical medical instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com