Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4382IPFBT Datasheet(PDF) 53 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 53 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 49Page - Texas Instruments SRC4382IPFBT Datasheet HTML 50Page - Texas Instruments SRC4382IPFBT Datasheet HTML 51Page - Texas Instruments SRC4382IPFBT Datasheet HTML 52Page - Texas Instruments SRC4382IPFBT Datasheet HTML 53Page - Texas Instruments SRC4382IPFBT Datasheet HTML 54Page - Texas Instruments SRC4382IPFBT Datasheet HTML 55Page - Texas Instruments SRC4382IPFBT Datasheet HTML 56Page - Texas Instruments SRC4382IPFBT Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
www.ti.com
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
Register 04: Port A Control Register 2
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
ACLK1
ACLK0
ADIV1
ADIV0
ADIV[1:0]
Port A Master Clock Divider
These bits are used to set the master clock divider for generating the LRCKA clock for Port A when configured for Master mode operation.
BCKA is always set to 64 times the LRCKA clock rate in Master mode.
ADIV1
ADIV0
Master Mode Clock Divider
0
0
Divide By 128 (Default)
0
1
Divide By 256
1
0
Divide By 384
1
1
Divide By 512
ACLK[1:0]
Port A Master Clock Source
These bits are used to set the master clock source for Port A when configured for Master mode operation.
ACLK1
ACLK0
Master Clock Source
0
0
MCLK (Default)
0
1
RXCKI
1
0
RXCKO
1
1
Reserved
Register 05: Port B Control Register 1
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
BMUTE
BOUTS1
BOUTS0
BM/S
BFMT2
BFMT1
BFMT0
BFMT[2:0]
Port B Audio Data Format
These bits are used to set the audio input and output data format for Port B. Refer to the Audio Serial Port Operation section for
illustrations of the supported data formats. Refer to the Electrical Characteristics: Audio Serial Ports table and Figure 1 for an applicable
timing diagram and parameters.
BFMT2
BFMT1
BFMT0
Audio Data Format
0
0
0
24-Bit Left-Justified (Default)
0
1
0
24-Bit Philips I2S
0
1
0
Unused
0
1
1
Unused
1
0
0
16-Bit Right-Justified
1
0
1
18-Bit Right-Justified
1
1
0
20-Bit Right-Justified
1
1
1
24-Bit Right-Justified
Note: When the SRC is selected as the output data source for Port B and the data format for the port is set to Right-Justified, the proper
word length must be selected in the Port B control registers such that it matches the corresponding SRC output data word length. Refer to
control register 0x2F for the SRC output word length selection.
BM/S
Port B Slave/Master Mode
This bit is used to set the audio clock mode for Port B to either Slave or Master.
BM/S
Slave/Master Mode
0
Slave mode; the LRCK and BCK clocks are generated by an external source. (Default)
1
Master mode; the LRCK and BCK clocks are derived from the Port A master clock source.
BOUTS[1:0]
Port B Output Source
These bits are used to select the output data source for Port B. The data is output at SDOUTB (pin 45).
BOUTS1
BOUTS0
Output Data Source
0
0
Port B Input, for data loop back. (Default)
0
1
Port A Input
1
0
DIR
1
1
SRC
BMUTE
Port B Output Mute
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com