Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4382IPFBT Datasheet(PDF) 63 Page - Texas Instruments

Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SRC4382IPFBT Datasheet(HTML) 63 Page - Texas Instruments

Back Button SRC4382IPFBT Datasheet HTML 59Page - Texas Instruments SRC4382IPFBT Datasheet HTML 60Page - Texas Instruments SRC4382IPFBT Datasheet HTML 61Page - Texas Instruments SRC4382IPFBT Datasheet HTML 62Page - Texas Instruments SRC4382IPFBT Datasheet HTML 63Page - Texas Instruments SRC4382IPFBT Datasheet HTML 64Page - Texas Instruments SRC4382IPFBT Datasheet HTML 65Page - Texas Instruments SRC4382IPFBT Datasheet HTML 66Page - Texas Instruments SRC4382IPFBT Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
www.ti.com
SRC4382
SBFS030C – JANUARY 2006 – REVISED SEPTEMBER 2007
MBPERR
Bipolar Error Interrupt
0
Masked (Default)
1
Enabled
MQCHG
Q-Channel Sub-Code Data Change Interrupt Mask
MQCHG
Q-Channel Data Change Interrupt
0
Masked (Default)
1
Enabled
MUNLOCK
DIR Unlock Error Interrupt Mask
MUNLOCK
DIR Unlock Interrupt
0
Masked (Default)
1
Enabled
MQCRC
Q-Channel Sub-Code CRC Error Interrupt Mask
MQCRC
Q-Channel CRC Error Interrupt
0
Masked (Default)
1
Enabled
MRBTI
Receiver Buffer Transfer Interrupt Mask
MRBTI
Receiver Buffer Transfer Interrupt
0
Masked (Default)
1
Enabled
Register 17: Receiver Interrupt Mask Register 2
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
0
0
0
0
0
MOSLIP
MOSLIP
Receiver Output Data Slip Error Mask
MOSLIP
Receiver OSLIP Error Interrupt
0
Masked (Default)
1
Enabled
Register 18: Receiver Interrupt Mode Register 1
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
QCHGM1
QCHGM0
UNLOCKM1
UNLOCKM0
QCRCM1
QCRCM0
RBTIM1
RBTIM0
QCHGM[1:0]
Q-Channel Sub-Code Data Change Interrupt Mode
QCHGM1
QCHGM0
Interrupt Active State
0
0
Rising Edge Active (Default)
0
1
Falling Edge Active
1
0
Level Active
1
1
Reserved
UNLOCKM[1:0]
DIR Unlock Error Interrupt Mode
UNLOCKM1
UNLOCKM0
Interrupt Active State
0
0
Rising Edge Active (Default)
0
1
Falling Edge Active
1
0
Level Active
1
1
Reserved
QCRCM[1:0]
Q-Channel Sub-Code CRC Error Interrupt Mode
QCRCM1
QCRCM0
Interrupt Active State
0
0
Rising Edge Active (Default)
0
1
Falling Edge Active
1
0
Level Active
1
1
Reserved
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Link(s): SRC4382



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com