Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056ADBVT Datasheet(PDF) 27 Page - Texas Instruments

Part # UCC28056ADBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056ADBVT Datasheet(HTML) 27 Page - Texas Instruments

Back Button UCC28056ADBVT Datasheet HTML 23Page - Texas Instruments UCC28056ADBVT Datasheet HTML 24Page - Texas Instruments UCC28056ADBVT Datasheet HTML 25Page - Texas Instruments UCC28056ADBVT Datasheet HTML 26Page - Texas Instruments UCC28056ADBVT Datasheet HTML 27Page - Texas Instruments UCC28056ADBVT Datasheet HTML 28Page - Texas Instruments UCC28056ADBVT Datasheet HTML 29Page - Texas Instruments UCC28056ADBVT Datasheet HTML 30Page - Texas Instruments UCC28056ADBVT Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
27
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The UCC28056 controller can be used in a wide range of applications in which a PFC stage is needed. This
design example demonstrates the features of the controller.
•
EVM hardware
•
Excel design calculator
9.2 Typical Application
Figure 26 shows a typical application of the UCC28056 as a preregulator with high power factor and efficiency.
The assembly consists of two distinct parts
•
the control circuit centering on the UCC28056
•
the power section
The power section is a Boost converter, with the inductor operating in Transition Mode (TM/CrM) or
Discontinuous Mode (DCM) according to Line and Load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com