Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056ADBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC28056ADBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056ADBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC28056ADBVT Datasheet HTML 2Page - Texas Instruments UCC28056ADBVT Datasheet HTML 3Page - Texas Instruments UCC28056ADBVT Datasheet HTML 4Page - Texas Instruments UCC28056ADBVT Datasheet HTML 5Page - Texas Instruments UCC28056ADBVT Datasheet HTML 6Page - Texas Instruments UCC28056ADBVT Datasheet HTML 7Page - Texas Instruments UCC28056ADBVT Datasheet HTML 8Page - Texas Instruments UCC28056ADBVT Datasheet HTML 9Page - Texas Instruments UCC28056ADBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
6
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
VCC
-0.5
36
V
ZCD/CS
-0.5
7
VOSNS
-0.5
7
Output voltage
COMP
-0.5
7
V
DRV
-0.3
20
Junction
temperature
range
TJ
-40
150
°C
Storage
temperature
range, Tstg
Tstg
-65
150
Lead temperature
Soldering, 10 second
300
Reflow
260
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per
JEDEC specification JESD22-C101, all
pins(2)
±500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Input voltage
12
V
TA
Operating ambient temperature
-40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
UCC28056
UNIT
SOT23-6
6 PINS
RΘJA
Junction-to-ambient thermal resistance
116.4
°C/W
RΘJC(top)
Junction-to-case (top) thermal resistance
74.9
°C/W
RΘJB
Junction-to-board thermal resistance
36.1
°C/W
ΨJT
Junction-to-top characterization parameter
18.8
°C/W
ΨJB
Junction-to-board characterization parameter
36.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com