Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056ADBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC28056ADBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056ADBVT Datasheet(HTML) 1 Page - Texas Instruments

  UCC28056ADBVT Datasheet HTML 1Page - Texas Instruments UCC28056ADBVT Datasheet HTML 2Page - Texas Instruments UCC28056ADBVT Datasheet HTML 3Page - Texas Instruments UCC28056ADBVT Datasheet HTML 4Page - Texas Instruments UCC28056ADBVT Datasheet HTML 5Page - Texas Instruments UCC28056ADBVT Datasheet HTML 6Page - Texas Instruments UCC28056ADBVT Datasheet HTML 7Page - Texas Instruments UCC28056ADBVT Datasheet HTML 8Page - Texas Instruments UCC28056ADBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
VOSNS
ZDC/CS
UCC28056
VCC
COMP
DRV
GND
CC0
CC01
RC0
RDG
RZC1
ROS2
ROS1
COut
RCS
VOUT
Bus
Bus
GND
DBST
LBST
CCC
RZC2
CIn
VCC
Copyright © 2018, Texas Instruments Incorporated
Line Voltage (VRMS)
20
80
120
240
280
200
160
25
30
35
40
45
50
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UCC28056
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
1
1 Features
1
•
Ultra-low no-load input power enables < 80-mW
standby power at 230 VAC in PFC+LLC system
•
Excellent light load efficiency and high efficiency
over wide range of load due to multi-mode TM
and DCM control
•
Enables low system cost through FET drain valley
synchronized turn-on which eliminates need for
second winding on the boost inductor
•
Enables compliance to green power standards
without disabling PFC
–
EuP Lot 6 Tier 2, CoC Ver. 5 Tier 2, Energy
Star Ver. 6.1, DoE Level VI
•
Burst mode with soft-entry and soft-exit periods
enables ultra-low audible noise output
•
Enhanced error amplifier, responds rapidly to load
steps without degrading input current distortion
•
User adjustable valley delay ensures valley
switching
•
Low start-up current consumption (<46 µA)
•
Wide VCC range 8.5 V to 34 V
•
Cycle-by-cycle current limit
•
Second independent output over-voltage
protection
•
Integrated over-temperature protection
•
Create a custom design using the UCC28056
device with the WEBENCH® Power Designer
2 Applications
•
Desktop computing and digital TV
•
Gaming, set top box and AC adapter front end
•
LED drivers and luminaries
•
Industrial and medical power supplies, e-bike
chargers, power tools chargers
3 Description
The UCC28056 device drives PFC boost stages
based on an innovative mixed mode method that
operates in transition mode (TM) at full load and
transitions seamlessly into discontinuous conduction
mode (DCM) at reduced load, automatically reducing
switching frequency. This device incorporates burst
mode
operation
to
further
improve
light
load
performance, enabling systems to meet challenging
energy standards while eliminating the need to switch
off the PFC. UCC28056 can drive a PFC power stage
up to 300 W, ensuring sinusoidal line input current
with low distortion, close to unity power factor. When
used with the LLC controller UCC256403/4, and dual
synchronous rectifier controller UCC24624 less than
80 mW system standby power can be achieved,
enabling PFC always on architecture and eliminating
the need for an auxiliary converter. This with FET
Drain valley turn-on with simple boost inductor allows
fewest component count and reduced system cost.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UCC28056
SOT-23(6)
2.90 mm x 1.6 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
No Load Power
Simplified Application


Similar Part No. - UCC28056ADBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28056ADBVT TI1-UCC28056ADBVT Datasheet
2Mb / 53P
UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
More results

Similar Description - UCC28056ADBVT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6564 STMICROELECTRONICS-L6564 Datasheet
815Kb / 34P
10 pin transition-mode PFC controller
08-Sep-2009
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
L6564T STMICROELECTRONICS-L6564T Datasheet
680Kb / 33P
10-pin transition-mode PFC controller
18-Jan-2012
L6564TD STMICROELECTRONICS-L6564TD Datasheet
680Kb / 33P
10-pin transition-mode PFC controller
18-Jan-2012
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
UCC28056 TI1-UCC28056 Datasheet
1Mb / 44P
6-Pin Single-Phase Transition-Mode PFC Controller
UCC28056 TI1-UCC28056_V01 Datasheet
2Mb / 53P
UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com