Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056ADBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC28056ADBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC28056ADBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC28056ADBVT Datasheet HTML 5Page - Texas Instruments UCC28056ADBVT Datasheet HTML 6Page - Texas Instruments UCC28056ADBVT Datasheet HTML 7Page - Texas Instruments UCC28056ADBVT Datasheet HTML 8Page - Texas Instruments UCC28056ADBVT Datasheet HTML 9Page - Texas Instruments UCC28056ADBVT Datasheet HTML 10Page - Texas Instruments UCC28056ADBVT Datasheet HTML 11Page - Texas Instruments UCC28056ADBVT Datasheet HTML 12Page - Texas Instruments UCC28056ADBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
9
UCC28056
www.ti.com
SLUSD37E – OCTOBER 2017 – REVISED NOVEMBER 2019
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TONMAX2
Maximum ON time when GFF = GFF2
8.85
9.41
9.64
µs
TONMAX3
Maximum ON time when GFF = GFF3
7.59
8.07
8.32
µs
TONMAX4
Maximum ON time when GFF = GFF4
6.52
6.92
7.18
µs
TONMAX5
Maximum ON time when GFF = GFF5
5.56
5.93
6.16
µs
TONMAX6
Maximum ON time when GFF = GFF6
4.73
5.09
5.28
µs
TONMAX7
Maximum ON time when GFF = GFF7
4.07
4.36
4.57
µs
Burst Mode Operation See Device Comparison Table
Zero Current Detection and Valley Synch
VZcdVinHyst
ZcdVin Comparator hysteresis (1)
12
19
26
mV
TDCHVinMin
ZcdVin Comparator blanking from
DRV falling edge (1)
250
358
467
ns
TZCDTo
If no negative transitions on Vin
comparator for this period then do not
wait for valleys
2.035
2.4
3.0
µs
TZCDR0
Minimum ZCD to DRV delay.
From VZC < VInSynth to DRV =
6V, CDR = 1nF, Fres = 1.2MHz, RDG =
RDG0
170
235
ns
ΔTZCDR1
TZCDR1 = TZCDR0 + ΔTZCDR1
(1)
RDG = RDG1
34.6
45.5
58.5
ns
ΔTZCDR2
TZCDR2 = TZCDR0 + ΔTZCDR2
(1)
RDG = RDG2
76
90
107
ns
ΔTZCDR3
TZCDR3 = TZCDR0 + ΔTZCDR3
(1)
RDG = RDG3
114
130
147
ns
ΔTZCDR4
TZCDR4 = TZCDR0 + ΔTZCDR4
(1)
RDG = RDG4
157
175
193
ns
ΔTZCDR5
TZCDR5 = TZCDR0 + ΔTZCDR5
(1)
RDG = RDG5
229
255
281
ns
ΔTZCDR6
TZCDR6 = TZCDR0 + ΔTZCDR6
(1)
RDG = RDG6
301
335
369
ns
ΔTZCDR7
TZCDR7 = TZCDR0 + ΔTZCDR7
(1)
RDG = RDG7
373
415
457
ns
VDDAmpl
Amplitude of 500 kHz sinewave signal
on ZCD/CS pin needed to trigger knee
detector
25
mV
TDCHDDMin
Knee point detector blanking period (1)
Measured from falling edge of DRV
pulse
1.5
µs
Fault Protection
TLongFlt
Long Fault Duration (1)
1
s
Line Brown-In Protection
VZCBoRise
Brown-out Protection Threshold when
in Stopb state
Peak cycle average voltage on
ZCD/CS Pin.
0.282
0.3
0.318
V
IZCBias
ZCD/CS Pin Bias Current (1)
VZC = VZCBoFall
-100
100
nA
Over-Current Protection
VZCOcp1
ZCD/CS First Level over-current
protection threshold
450
500
550
mV
VZCOcp2
ZCD/CS Second Level over-current
protection threshold
670
750
825
mV
TOcp1Blk
ZCD/CS blanking time from DRV rising
edge to Enable Ocp1 Comparator
Output (1)
450
ns
TOcp2Blk
ZCD/CS blanking time from DRV rising
edge to Enable Ocp2 Comparator
Output (1)
250
ns
TOcpDrvDel
ZCD/CS crossing VOcpxTh to DRV
falling edge.
56
120
ns
TDCHMax0
Max duration of TDCHb state if no ZCD
signal detected. After no OCPx Events
(1)
250
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com