Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2505IRGET Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS2505IRGET
Description  TAS2505 2.6W Digital/Analog Input Class-D Speaker Amplifier With Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2505IRGET Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS2505IRGET Datasheet HTML 18Page - Texas Instruments TAS2505IRGET Datasheet HTML 19Page - Texas Instruments TAS2505IRGET Datasheet HTML 20Page - Texas Instruments TAS2505IRGET Datasheet HTML 21Page - Texas Instruments TAS2505IRGET Datasheet HTML 22Page - Texas Instruments TAS2505IRGET Datasheet HTML 23Page - Texas Instruments TAS2505IRGET Datasheet HTML 24Page - Texas Instruments TAS2505IRGET Datasheet HTML 25Page - Texas Instruments TAS2505IRGET Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The TAS2505 is a digital or analog input Class-D audio power amplifier. Below are shown different setups that
show the features of the TAS2505.
9.2 Typical Applications
9.2.1 Typical Configuration
DIN
BCLK
WCLK
MCLK
SPKVSS
AVDD
AVSS
LDO_SEL
SPKVDD
SCL/SSZ
SDA/MOSI
GPIO/DOUT
RST
DVDD DVSS
IOVDD
IOVSS
AINL
SPKP
SPKM
0.1PF
22PF
SVDD
0.1PF
22PF
+1.8VA
8-: or
4-:
Speaker
+1.8VD
IOVDD
AINR
Analog Input
TAS2505
HPOUT
Headphone jack
MISO
SPI_SEL
SCLK
IOVDD
0.1PF
0.1PF
2.7k
2.7k
47PF
0.1PF
0.1PF
10PF
10PF
Copyright © 2016, Texas Instruments Incorporated
Figure 9-1. Typical Circuit Configuration
TAS2505
SLAS778D – FEBRUARY 2013 – REVISED JANUARY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS2505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com