Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2505IRGET Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS2505IRGET
Description  TAS2505 2.6W Digital/Analog Input Class-D Speaker Amplifier With Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2505IRGET Datasheet(HTML) 1 Page - Texas Instruments

  TAS2505IRGET Datasheet HTML 1Page - Texas Instruments TAS2505IRGET Datasheet HTML 2Page - Texas Instruments TAS2505IRGET Datasheet HTML 3Page - Texas Instruments TAS2505IRGET Datasheet HTML 4Page - Texas Instruments TAS2505IRGET Datasheet HTML 5Page - Texas Instruments TAS2505IRGET Datasheet HTML 6Page - Texas Instruments TAS2505IRGET Datasheet HTML 7Page - Texas Instruments TAS2505IRGET Datasheet HTML 8Page - Texas Instruments TAS2505IRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TAS2505 2.6W Digital/Analog Input Class-D Speaker Amplifier With Audio Processing
1 Features
• Mono class-D BTL speaker amplifier
– 2.6W at 10% THD_N (4Ω, 5.5V)
– 1.7W at 10% THD+N (8Ω, 5.5V)
• Supports both digital and analog input
• Single supply 2.7V to 5.5V
• Load diagnostic functions:
– Output-to-GND Short
– Terminal-to-terminal short
– Output-to-power short
– Over temperature
– Input DC
• Supports 9kHz to 96kHz sample rates
• Two single-ended inputs with output mixing and
level control
• Embedded power-on-reset
• Programmable digital audio processing:
– Bass boost
– Treble
– EQ (up to 6 biquads)
• I2S, Left-justified, right-justified, DSP, and TDM
audio interfaces
• I2C and SPI Control With Auto-Increment
• 24-Pin, VQFN package
2 Applications
• Instrument Cluster
• Automotive Emergency Call (eCall)
• Telematics
3 Description
The TAS2505 is a mono Class-D speaker amp
that supports both Digital and Analog inputs. The
device is designed for automotive instrument cluster,
emergency call (eCall), and telematics applications.
Direct I2S input removes the need for an external
DAC in the audio signal path. In addition to
integration, the device features programmable audio
processing. The onboard DSP supports bass boost,
treble, and EQ (up to 6 biquads). An on-chip PLL
provides the high-speed clock needed by the DSP.
The volume level is register controlled.
Device Information (1)
PART NUMBER
PACKAGE
PACKAGE SIZE
(2)
TAS2505
VQFN (24)
4.00mm × 4.00mm
TAS2505A-Q1
VQFN (24)
4.00mm × 4.00mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
SPKVSS
AVSS
DVSS
AINL
AINR
SPKP
SPKM
HPOUT
RST
SPI_SEL
S
S
SPKVDD
AVDD
DAC Signal Proc.
SPI/I
2C
Control Block
PLL
Interrupt
Control
Primary I
2S
Interface
Pin Muxing / Clock Routing
POR
Mono S-D
DAC
DVDD
IOVDD
Secondary I
2S
Interface
Dig
Vol
6 dB to +24 dB
(6 dB steps)
-6 dB to +29 dB
and Mute
(1 dB steps)
0 dB to -78 dB
and Mute
(Min 0.5 dB steps)
0 dB to -78 dB
and Mute
(Min 0.5 dB steps)
0 dB to -78 dB and Mute
(Min 0.5 dB steps)
Simplified Block Diagram
TAS2505
SLAS778D – FEBRUARY 2013 – REVISED JANUARY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TAS2505IRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2505IRGET TI1-TAS2505IRGET Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
More results

Similar Description - TAS2505IRGET

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
Analog Input Stereo Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
Analog Input Monaural Class-D Speaker Amplifier
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
Maxim Integrated Produc...
MAX98371 MAXIM-MAX98371 Datasheet
2Mb / 80P
Digital Input Class D Speaker Amplifier
Rev 0; 3/15
logo
Texas Instruments
TAS2505-Q1 TI1-TAS2505-Q1 Datasheet
663Kb / 35P
2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
logo
Maxim Integrated Produc...
MAX98374 MAXIM-MAX98374 Datasheet
3Mb / 129P
Digital Input Class D Speaker Amplifier with DHT
Rev 0; 3/18
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621_09 Datasheet
1Mb / 76P
I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5622 REALTEK-ALC5622 Datasheet
1Mb / 73P
I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
ON Semiconductor
ONA10IV ONSEMI-ONA10IV Datasheet
637Kb / 29P
16 Watt Digital Input Class-D Audio Amplifier with Speaker Sense Digital Output
April, 2018 ??Rev. 0
logo
Texas Instruments
TAS2505-Q1 TI1-TAS2505-Q1_V01 Datasheet
2Mb / 42P
TAS2505-Q1 2.6-W Digital/Analog Input Automotive Class-D Speaker Amplifier With Audio Processing
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com