Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2505IRGET Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS2505IRGET
Description  TAS2505 2.6W Digital/Analog Input Class-D Speaker Amplifier With Audio Processing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2505IRGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS2505IRGET Datasheet HTML 3Page - Texas Instruments TAS2505IRGET Datasheet HTML 4Page - Texas Instruments TAS2505IRGET Datasheet HTML 5Page - Texas Instruments TAS2505IRGET Datasheet HTML 6Page - Texas Instruments TAS2505IRGET Datasheet HTML 7Page - Texas Instruments TAS2505IRGET Datasheet HTML 8Page - Texas Instruments TAS2505IRGET Datasheet HTML 9Page - Texas Instruments TAS2505IRGET Datasheet HTML 10Page - Texas Instruments TAS2505IRGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
All specifications at 25°C, DVDD = 1.8V(1)
PARAMETER
IOVDD = 1.8V
IOVDD = 3.3V
UNIT
MIN
MAX
MIN
MAX
ts(DI)
DIN setup
8
6
ns
th(DI)
DIN hold
8
6
ns
tr
Rise time
25
10
ns
tf
Fall time
25
10
ns
(1)
ll timing specifications are measured at characterization but not tested at final test.
5.7 I2S/LJF/RJF Timing in Slave Mode
All specifications at 25°C, DVDD = 1.8V(1)
PARAMETER
IOVDD = 1.8V
IOVDD = 3.3V
UNIT
MIN
MAX
MIN
MAX
tH(BCLK)
BCLK high period
35
35
ns
tL(BCLK)
BCLK low period
35
35
ns
ts(WS)
WCLK setup
8
6
ns
th(WS)
WCLK hold
8
6
ns
ts(DI)
DIN setup
8
6
ns
th(DI)
DIN hold
8
6
ns
tr
Rise time
4
4
ns
tf
Fall time
4
4
ns
(1)
All timing specifications are measured at characterization but not tested at final test.
5.8 DSP Timing in Master Mode
All specifications at 25°C, DVDD = 1.8V(1)
PARAMETER
IOVDD = 1.8V
IOVDD = 3.3V
UNIT
MIN
MAX
MIN
MAX
td(WS)
WCLK delay
45
45
ns
ts(DI)
DIN setup
8
6
ns
th(DI)
DIN hold
8
6
ns
tr
Rise time
25
10
ns
tf
Fall time
25
10
ns
(1)
All timing specifications are measured at characterization but not tested at final test.
5.9 DSP Timing in Slave Mode
All specifications at 25°C, DVDD = 1.8V(1)
PARAMETER
IOVDD = 1.8V
IOVDD = 3.3V
UNIT
MIN
MAX
MIN
MAX
tH(BCLK)
BCLK high period
35
35
ns
tL(BCLK)
BCLK low period
35
35
ns
ts(WS)
WCLK setup
8
8
ns
th(WS)
WCLK hold
8
8
ns
ts(DI)
DIN setup
8
8
ns
th(DI)
DIN hold
8
8
ns
tr
Rise time
4
4
ns
tf
Fall time
4
4
ns
(1)
All timing specifications are measured at characterization but not tested at final test.
www.ti.com
TAS2505
SLAS778D – FEBRUARY 2013 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TAS2505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com