Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4502/3 Datasheet(PDF) 17 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4502/3 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS4502/3 Datasheet HTML 13Page - Texas Instruments THS4502/3 Datasheet HTML 14Page - Texas Instruments THS4502/3 Datasheet HTML 15Page - Texas Instruments THS4502/3 Datasheet HTML 16Page - Texas Instruments THS4502/3 Datasheet HTML 17Page - Texas Instruments THS4502/3 Datasheet HTML 18Page - Texas Instruments THS4502/3 Datasheet HTML 19Page - Texas Instruments THS4502/3 Datasheet HTML 20Page - Texas Instruments THS4502/3 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
−10
0
10
20
30
40
50
60
70
80
90
100
110
−1
0
1
2
3
4
5
Input Common-Mode Range − V
VS = 5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VS − Supply Voltage − ±V
TA = 85°C
TA = 25°C
TA = −40°C
0
5
10
15
20
25
−40 −30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = 5 V
0
1
2
3
4
5
−5
−4
−3
−2
−1
0
1
2
3
4
5
10
100
1000
10000
RL − Load Resistance − Ω
VS = ±5 V
TA = −40 to 85°C
−80
−70
−60
−50
−40
−30
−20
−10
0
VOC − Output Common-Mode Voltage − V
Single-Ended to
Differential Output
Gain = 1, VO = 2 VPP
Rf = 499 Ω, VS = 5 V
1
1.5
2
2.5
3
3.5
4
HD3, 30 MHz
HD2, 30 MHz
HD3, 8 MHz
HD2,
8 MHz
0.1
1
10
100
0.1
1
10
100
f − Frequency − MHz
Gain = 1
RL = 400 Ω
Rf = 499 Ω
VIN = −4 dBm
VS = 5 V
0
5
10
15
20
25
0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 2.25 2.5
Power-down Voltage − V
VS = 5 V
−800
−600
−400
−200
0
200
400
600
800
0 0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VOC − Output Common-Mode Voltage − V
−3
−2
−1
0
1
2
3
1
10
100
1000
f − Frequency − MHz
Gain = 1
RL = 400 Ω
Rf = 499 Ω
PIN= −20 dBm
VS = 5 V
THS4504
THS4505
www.ti.com ......................................................................................................................................................... SLOS363D – AUGUST 2002 – REVISED MAY 2008
TYPICAL CHARACTERISTICS: 5 V (continued)
QUIESCENT CURRENT
INPUT OFFSET VOLTAGE
COMMON-MODE REJECTION RATIO
vs
vs
vs
SUPPLY VOLTAGE
CASE TEMPERATURE
INPUT COMMON-MODE RANGE
Figure 62.
Figure 63.
Figure 64.
CLOSED-LOOP OUTPUT
HARMONIC DISTORTION
OUTPUT VOLTAGE
IMPEDANCE
vs
vs
vs
OUTPUT COMMON-MODE
LOAD RESISTANCE
FREQUENCY
VOLTAGE
Figure 65.
Figure 66.
Figure 67.
OUTPUT OFFSET VOLTAGE
SMALL-SIGNAL FREQUENCY
vs
QUIESCENT CURRENT
RESPONSE
OUTPUT COMMON-MODE
vs
AT VOCM
VOLTAGE
POWER-DOWN VOLTAGE
Figure 68.
Figure 69.
Figure 70.
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com