Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4502/3 Datasheet(PDF) 23 Page - Texas Instruments

Part # THS4502/3
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4502/3 Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS4502/3 Datasheet HTML 19Page - Texas Instruments THS4502/3 Datasheet HTML 20Page - Texas Instruments THS4502/3 Datasheet HTML 21Page - Texas Instruments THS4502/3 Datasheet HTML 22Page - Texas Instruments THS4502/3 Datasheet HTML 23Page - Texas Instruments THS4502/3 Datasheet HTML 24Page - Texas Instruments THS4502/3 Datasheet HTML 25Page - Texas Instruments THS4502/3 Datasheet HTML 26Page - Texas Instruments THS4502/3 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
EXAMPLE ANALOG-TO-DIGITAL
V
OCM
15V
V
S
R
S
R
G
R
F
R
F
+
R
T
+
R
G
C
G
0.1 mF
C
G
THS4504
V
DD
C
S
C
S
R
L
V
OD
PP
=26V
R
ISO
R
ISO
-
-
FILTERING WITH FULLY DIFFERENTIAL
+
+
VOCM
12-Bit/80MSPS
IN
IN
5 V
CM
5 V
5 V
VS
10 mF
0.1 mF
10 mF 0.1 mF
THS4503
RF
RF
CF
CF
1 mF
RG
RG
0.1 mF
RT
RS
ADS5410
RISO
RISO
-
-
+
+
V
OCM
14-Bit/40MSPS
IN
IN
5 V
CM
5 V
V
S
10 mF
0.1 mF
THS4501
R
F
R
F
C
F
C
F
1 mF
R
G
R
G
R
T
R
S
ADS5421
0.1
F
m
R
ISO
R
ISO
-
-
VS
RS
RG1
RF1
RF2
+
RT
+
VO
RISO
C
CF2
CF1
RG2
RISO
-
-
FULLY DIFFERENTIAL LINE DRIVERS
THS4504
THS4505
www.ti.com ......................................................................................................................................................... SLOS363D – AUGUST 2002 – REVISED MAY 2008
Figure 81 illustrates the THS4500 family of devices
CONVERTER DRIVER CIRCUITS
used as high speed line drivers. For line driver
applications, close attention must be paid to thermal
The THS4500 family of devices is designed to drive
design constraints due to the typically high level of
high-performance ADCs with extremely high linearity,
power dissipation.
allowing for the maximum effective number of bits at
the output of the data converter. Two representative
circuits shown below highlight single-supply operation
and split supply operation. Specific feedback resistor,
gain resistor, and feedback capacitor values are not
specified, as their values depend on the frequency of
interest. Information on calculating these values can
be found in the applications material above.
Figure 81. Fully Differential Line Driver with High
Output Swing
AMPLIFIERS
Similar
to
their
single-ended
counterparts,
fully
differential amplifiers have the ability to couple
filtering functionality with voltage gain. Numerous filter
topologies
can
be
based
on
fully
differential
amplifiers. Several of these are outlined in A
Figure 79. Using the THS4503 with the ADS5410
Differential Circuit Collection (SLOA064), referenced
at the end of this data sheet. The circuit in Figure 82
depicts a simple two-pole low-pass filter applicable to
many different types of systems. The first pole is set
by the resistors and capacitors in the feedback paths,
and the second pole is set by the isolation resistors
and the capacitor across the outputs of the isolation
resistors.
Figure 80. Using the THS4501 with the ADS5421
Figure 82. A Two-Pole, Low-Pass Filter Design
The THS4500 family of amplifiers can be used as
Using a Fully Differential Amplifier with Poles
high-frequency, high-swing differential line drivers.
Located at P1 = (2
×R
FCF)
–1 in Hz and
Their high power supply voltage rating (16.5 V
P2 = (4
×R
ISOC)
–1 in Hz
absolute maximum) allows operation on a single 12-V
or a single 15-V supply. The high supply voltage,
coupled with the ability to provide differential outputs
enables the ability to drive 26 VPP into reasonably
heavy loads (250
Ω or greater). The circuit in
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com